Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12A-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER12A-E
Description  Low power offline switched-mode power supply primary switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12A-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER12A-E Datasheet HTML 2Page - STMicroelectronics VIPER12A-E Datasheet HTML 3Page - STMicroelectronics VIPER12A-E Datasheet HTML 4Page - STMicroelectronics VIPER12A-E Datasheet HTML 5Page - STMicroelectronics VIPER12A-E Datasheet HTML 6Page - STMicroelectronics VIPER12A-E Datasheet HTML 7Page - STMicroelectronics VIPER12A-E Datasheet HTML 8Page - STMicroelectronics VIPER12A-E Datasheet HTML 9Page - STMicroelectronics VIPER12A-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Pin connections and function
VIPER12A-E
6/21
Doc ID 11977 Rev 2
3
Pin connections and function
Figure 2.
Pin connection
Figure 3.
Current and voltage conventions
Table 9.
Pin function
Pin Name
Pin Function
VDD
Power supply of the control circuits. Also provides a charging current during start up
thanks to a high voltage current source connected to the drain. For this purpose, an
hysteresis comparator monitors the VDD voltage and provides two thresholds:
- VDDon: Voltage value (typically 14.5 V) at which the device starts switching and turns
off the start up current source.
- VDDoff: Voltage value (typically 8 V) at which the device stops switching and turns on
the start up current source.
SOURCE
Power MOSFET source and circuit ground reference.
DRAIN
Power MOSFET drain. Also used by the internal high voltage current source during
start up phase for charging the external VDD capacitor.
FB
Feedback input. The useful voltage range extends from 0 V to 1 V, and defines the
peak drain MOSFET current. The current limitation, which corresponds to the
maximum drain current, is obtained for a FB pin shorted to the SOURCE pin.
1
2
3
4
DRAIN
DRAIN
DRAIN
DRAIN
8
7
6
5
DRAIN
DRAIN
DRAIN
DRAIN
1
2
3
4
8
7
6
5
FB
VDD
SOURCE
FB
VDD
SOURCE
SOURCE
SOURCE
SO-8
DIP-8
IDD
ID
IFB
VDD
VFB
VD
FB
VDD
DRAIN
SOURCE
CONTROL
VIPer12A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com