Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12A-E Datasheet(PDF) 3 Page - STMicroelectronics

Part # VIPER12A-E
Description  Low power offline switched-mode power supply primary switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12A-E Datasheet(HTML) 3 Page - STMicroelectronics

  VIPER12A-E Datasheet HTML 1Page - STMicroelectronics VIPER12A-E Datasheet HTML 2Page - STMicroelectronics VIPER12A-E Datasheet HTML 3Page - STMicroelectronics VIPER12A-E Datasheet HTML 4Page - STMicroelectronics VIPER12A-E Datasheet HTML 5Page - STMicroelectronics VIPER12A-E Datasheet HTML 6Page - STMicroelectronics VIPER12A-E Datasheet HTML 7Page - STMicroelectronics VIPER12A-E Datasheet HTML 8Page - STMicroelectronics VIPER12A-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
VIPER12A-E
Electrical data
Doc ID 11977 Rev 2
3/21
1
Electrical data
1.1
Maximum rating
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
1.2
Thermal data
Table 1.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VDS(sw) Switching drain source voltage (TJ = 25 ... 125 °C)
(1)
1.
This parameter applies when the start-up current source is OFF. This is the case when the VDD voltage has
reached VDDon and remains above VDDoff.
-0.3 ... 730
V
VDS(st)
Start-up drain source voltage (TJ = 25 ... 125 °C)
(2)
2.
This parameter applies when the start up current source is ON. This is the case when the VDD voltage has
not yet reached VDDon or has fallen below VDDoff.
-0.3 ... 400
V
ID
Continuous drain current
Internally limited
A
VDD
Supply voltage
0 ... 50
V
IFB
Feedback current
3
mA
VESD
Electrostatic discharge:
Machine model (R = 0
Ω; C = 200 pF)
Charged device model
200
1.5
V
kV
TJ
Junction operating temperature
Internally limited
°C
TC
Case operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
SO-8
DIP-8
Unit
RthJC
Thermal resistance junction-case
Max
25
15
°C/W
RthJA
Thermal resistance ambient-case (1)
1.
When mounted on a standard single-sided FR4 board with 200 mm2 of Cu (at least 35 µm thick) connected
to all DRAIN pins.
Max
55
45
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com