Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12A-E Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER12A-E
Description  Low power offline switched-mode power supply primary switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12A-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER12A-E Datasheet HTML 13Page - STMicroelectronics VIPER12A-E Datasheet HTML 14Page - STMicroelectronics VIPER12A-E Datasheet HTML 15Page - STMicroelectronics VIPER12A-E Datasheet HTML 16Page - STMicroelectronics VIPER12A-E Datasheet HTML 17Page - STMicroelectronics VIPER12A-E Datasheet HTML 18Page - STMicroelectronics VIPER12A-E Datasheet HTML 19Page - STMicroelectronics VIPER12A-E Datasheet HTML 20Page - STMicroelectronics VIPER12A-E Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Package mechanical data
VIPER12A-E
18/21
Doc ID 11977 Rev 2
Figure 17.
Package dimensions
Table 11.
SO8 mechanical data
Dim.
Databook (mm)
Nom
Min
Max
A
1.35
1.75
A1
0.10
0.25
A2
1.10
1.65
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27
H
5.80
6.20
h
0.25
0.50
L
0.40
1.27
k
8° (max.)
ddd
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com