Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER15LDTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER15LDTR
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER15LDTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER15LDTR Datasheet HTML 5Page - STMicroelectronics VIPER15LDTR Datasheet HTML 6Page - STMicroelectronics VIPER15LDTR Datasheet HTML 7Page - STMicroelectronics VIPER15LDTR Datasheet HTML 8Page - STMicroelectronics VIPER15LDTR Datasheet HTML 9Page - STMicroelectronics VIPER15LDTR Datasheet HTML 10Page - STMicroelectronics VIPER15LDTR Datasheet HTML 11Page - STMicroelectronics VIPER15LDTR Datasheet HTML 12Page - STMicroelectronics VIPER15LDTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
VIPER15
Electrical data
Doc ID 15455 Rev 5
9/40
Oscillator section
FOSClim
Internal frequency limit
VIPER15L
122
136
150
kHz
Internal frequency limit
VIPER15H
200
225
250
kHz
FSTARTER
Starter frequency
VFB=1 V,
VZCD<VZCDT th
t<tSU
1/4
FOSClim
kHz
VFB=1 V,
VZCD<VZCDT th
t>tSU
1/8
FOSClim
kHz
FOSCmin
VFB = 1 V,
VZCD>VZCDA_th
1/64
FOSClim
kHz
Brown-out protection
VBRth
Brown-out threshold
Voltage falling
0.41
0.45
0.49
V
VBRhyst
Voltage hysteresis above
VBRth
Violate rising
50
mV
IBRhyst
Current hysteresis
7
12
μA
VBRclamp
Clamp voltage
IBR = 250 µA
3
V
VDIS
Brown-out disable voltage
50
150
mV
Thermal shutdown
TSD
Thermal shutdown
temperature
150
160
°C
THYST
Thermal shutdown hysteresis
30
°C
Table 8.
Controller section (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com