Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER15LDTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # VIPER15LDTR
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER15LDTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VIPER15LDTR Datasheet HTML 26Page - STMicroelectronics VIPER15LDTR Datasheet HTML 27Page - STMicroelectronics VIPER15LDTR Datasheet HTML 28Page - STMicroelectronics VIPER15LDTR Datasheet HTML 29Page - STMicroelectronics VIPER15LDTR Datasheet HTML 30Page - STMicroelectronics VIPER15LDTR Datasheet HTML 31Page - STMicroelectronics VIPER15LDTR Datasheet HTML 32Page - STMicroelectronics VIPER15LDTR Datasheet HTML 33Page - STMicroelectronics VIPER15LDTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Operation description
VIPER15
30/40
Doc ID 15455 Rev 5
Equation 11
The RFB(DYN) is the dynamic resistance seen by the FB pin and reported on Table 8 on
page 8
.
The CFB1 capacitor fixes the OLP delay and usually CFB1 results much higher than CFB. The
Equation 8 on page 29
can be still used to calculate the OLP delay time but CFB1 has to be
considered instead of CFB. Using the alternative compensation network, the designer can
satisfy, in all case, the loop stability and the enough OLP delay time alike.
Figure 34.
FB pin configuration (option 1)
Figure 35.
FB pin configuration (option 2)
()
)
DYN
(
FB
1
FB
1
FB
1
PFB
R
R
C
2
1
f
+
⋅
⋅
π
⋅
=
From sense FET
4.8V
BURST
PWM
CONTROL
Cfb
To PWM Logic
BURST-MODE
REFERENCES
BURST-MODE
LOGIC
+
-
PWM
+
-
OLP comparator
To disable logic
4.8V
From sense FET
PWM
CONTROL
+
-
PWM
BURST
To disable logic
+
-
OLP comparator
To PWM Logic
BURST-MODE
LOGIC
Cfb1
Rfb1
Cfb
BURST-MODE
REFERENCES
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com