Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER15LDTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # VIPER15LDTR
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER15LDTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VIPER15LDTR Datasheet HTML 30Page - STMicroelectronics VIPER15LDTR Datasheet HTML 31Page - STMicroelectronics VIPER15LDTR Datasheet HTML 32Page - STMicroelectronics VIPER15LDTR Datasheet HTML 33Page - STMicroelectronics VIPER15LDTR Datasheet HTML 34Page - STMicroelectronics VIPER15LDTR Datasheet HTML 35Page - STMicroelectronics VIPER15LDTR Datasheet HTML 36Page - STMicroelectronics VIPER15LDTR Datasheet HTML 37Page - STMicroelectronics VIPER15LDTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Operation description
VIPER15
34/40
Doc ID 15455 Rev 5
7.16
2nd level overcurrent protection and hiccup mode
The VIPER15 is protected against short-circuit of the secondary rectifier, short-circuit on the
secondary winding or a hard-saturation of fly-back transformer. Such as anomalous
condition is invoked when the drain current exceed the threshold IDMAX, see Table 8 on
page 8
.
To distinguish a real malfunction from a disturbance (e.g. induced during ESD tests) a
“warning state” is entered after the first signal trip. If in the subsequent switching cycle the
signal is not tripped, a temporary disturbance is assumed and the protection logic will be
reset in its idle state; otherwise if the IDMAX threshold is exceeded for two consecutive
switching cycles a real malfunction is assumed and the power MOSFET is turned OFF.
The shutdown condition is latched as long as the device is supplied. While it is disabled, no
energy is transferred from the auxiliary winding; hence the voltage on the VDD capacitor
decays till the VDD under voltage threshold (VDDoff), which clears the latch.
The start up HV current generator is still off, until VDD voltage goes below its restart voltage,
VDD(RESTART). After this condition the VDD capacitor is charged again by 600 µA current,
and the converter switching restarts if the VDDon occurs. If the fault condition is not removed
the device enters in auto-restart mode. This behavioral results in a low-frequency
intermittent operation (Hiccup-mode operation), with very low stress on the power circuit.
See the timing diagram of Figure 39.
Figure 39.
Hiccup-mode OCP: timing diagram
Vcc
VDS
IDRAIN
Vccrest
Secondary diode is shorted here
t
t
t
IDmax
ON
OFF
Vccrest
Secondary diode is shorted here
t
t
t
IDmax
VDD
VDD
VDD
VDD
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com