Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER38
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER38 Datasheet HTML 5Page - STMicroelectronics VIPER38 Datasheet HTML 6Page - STMicroelectronics VIPER38 Datasheet HTML 7Page - STMicroelectronics VIPER38 Datasheet HTML 8Page - STMicroelectronics VIPER38 Datasheet HTML 9Page - STMicroelectronics VIPER38 Datasheet HTML 10Page - STMicroelectronics VIPER38 Datasheet HTML 11Page - STMicroelectronics VIPER38 Datasheet HTML 12Page - STMicroelectronics VIPER38 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DocID025703 Rev 2
9/31
VIPER38
Electrical characteristics
31
Table 8. Controller section
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Feed-back pin
VFBolp
Overload shutdown threshold
4.5
4.8
5.2
V
VFBlin
Overload detection threshold
3.2
3.5
3.7
V
VFBbm
Burst mode threshold
Voltage falling
0.54
0.6
0.66
V
VFBbmhys
Burst mode hysteresis
Voltage rising
90
mV
IFB1
Feedback sourced current
VFB = 0.3 V
-150
-200
-280
uA
IFB2
Feedback current-OLP
delay
VFBlin < VFB < VFBolp
-3
uA
RFB(DYN)
Dynamic resistance
VFB < 3.3 V
14
21
k
Ω
HFB
∆V
FB / ∆ID
0.5
2
V/A
CONT pin
VCONT_l
Low-level clamp voltage
ICONT = -100 µA
0.4
0.5
0.6
V
VCONT_h
High-level clamp voltage
ICONT = 1 mA
5
5.5
6
V
Current limitation
IDlim
Max drain current limitation
VFB = 4 V, ICONT = -10 µA
TJ = 25 °C
1.07
1.15
1.23
A
tSS
Soft-start time
7.6
8.5
9.4
ms
tON_MIN
Minimum turn-on time
220
400
480
ns
td
Propagation delay
(1)
20
ns
tLEB
Leading edge blanking
(1)
380
ns
ID_BM
Peak drain current during burst
mode
VFB = 0.6 V
115
190
265
mA
Oscillator section
FOSC
VFB = 1 V
VIPER38L
54
60
66
kHz
VIPER38H
103
115
127
kHz
FD
Modulation depth
VIPER38L
±4
kHz
VIPER38H
±8
kHz
FM
Modulation frequency
830
920
1010
Hz
DMAX
Maximum duty cycle
70
80
%
Overcurrent protection (2nd OCP)
IDMAX
Second overcurrent threshold
1.7
A
Overvoltage protection
VOVP
Overvoltage protection threshold
2.7
3
3.3
V
tSTROBE
Overvoltage protection strobe time
1.5
2
2.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com