Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER38
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER38 Datasheet HTML 11Page - STMicroelectronics VIPER38 Datasheet HTML 12Page - STMicroelectronics VIPER38 Datasheet HTML 13Page - STMicroelectronics VIPER38 Datasheet HTML 14Page - STMicroelectronics VIPER38 Datasheet HTML 15Page - STMicroelectronics VIPER38 Datasheet HTML 16Page - STMicroelectronics VIPER38 Datasheet HTML 17Page - STMicroelectronics VIPER38 Datasheet HTML 18Page - STMicroelectronics VIPER38 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
DocID025703 Rev 2
15/31
VIPER38
Operation
31
The following formula can be used for the CVDD capacitor calculation:
Equation 1
The parameter tSSaux is the time needed for the steady state of the auxiliary voltage. This
time represents an estimate of the user’s application according to the output stage
configurations (transformer, output capacitances, etc.).
During the converter startup time, the drain current limitation is progressively increased to
the maximum value. In this way the stress on the secondary diode is considerably reduced.
It also helps to prevent transformer saturation. The soft-start time lasts 8.5 ms and the
feature is implemented for every attempt of the startup converter or after a fault.
Figure 17. IDD current during startup and burst mode
C
VDD
I
DDch1
t
SSaux
×
V
DDon
V
DDoff
–
-----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com