Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPER38
Description  VIPerPlus family: peak power high-voltage converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER38 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPER38 Datasheet HTML 10Page - STMicroelectronics VIPER38 Datasheet HTML 11Page - STMicroelectronics VIPER38 Datasheet HTML 12Page - STMicroelectronics VIPER38 Datasheet HTML 13Page - STMicroelectronics VIPER38 Datasheet HTML 14Page - STMicroelectronics VIPER38 Datasheet HTML 15Page - STMicroelectronics VIPER38 Datasheet HTML 16Page - STMicroelectronics VIPER38 Datasheet HTML 17Page - STMicroelectronics VIPER38 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Operation
VIPER38
14/31
DocID025703 Rev 2
7
Operation
The device
is a high-performance low-voltage PWM controller chip with an 800 V, avalanche
rugged power section.
The controller includes the oscillator with jitter, startup circuit with soft-start, PWM logic,
current limiting circuit with adjustable setpoint, second overcurrent circuit, burst mode
management, extra power timer circuit, UVLO circuit, auto-restart circuit and thermal
protection circuit.
The current limit setpoint is set by the CONT pin. Burst mode operation guarantees high
performance in standby mode and contributes to meeting energy-saving standards.
All the fault protections are built in auto-restart mode with very low repetition rate to prevent
the IC from overheating.
7.1
Power section and gate driver
The power section is implemented with an avalanche-rugged N-channel MOSFET, which
guarantees safe operation within the specified energy rating as well as high dv/dt capability.
The power section has a BVDSS of 800 V min. and a typical RDS(on) of 4.5 Ω at 25 °C.
The integrated SenseFET structure allows a virtually loss-less current sensing.
The gate driver is designed to supply a controlled gate current during both turn-on and turn-
off in order to minimize common-mode EMI. Under UVLO conditions an internal pull-down
circuit holds the gate low in order to ensure that the power section cannot be turned on
accidentally.
7.2
High-voltage startup generator
The HV current generator is supplied through the DRAIN pin and it is enabled only if the
input bulk capacitor voltage is higher than the VDRAIN_START threshold, 80 V DC typically.
When the HV current generator is ON, the IDDch1 current (3 mA typical value) is delivered to
the capacitor on the VDD pin. During auto-restart mode after a fault event, the current is
reduced to IDDch2 (0.6 mA, typ) in order to have a slow duty cycle during the restart phase.
7.3
Power-up and soft startup
When the input voltage rises to the device start threshold, VDRAIN_START, the VDD voltage
begins to grow due to the IDDch1 current (see Table 7: Supply section) coming from the
internal high-voltage startup circuit. If the VDD voltage reaches the VDDon threshold, the
power MOSFET starts switching and the HV current generator is turned OFF.
The IC is powered by the energy stored in the capacitor on the VDD pin, CVDD, until the self-
supply circuit (typically an auxiliary winding of the transformer and a steering diode)
develops a voltage high enough to sustain the operation.
The CVDD capacitor must be correctly sized to avoid fast discharge and keep the required
voltage higher than the VDDoff threshold. In fact, an insufficient capacitance value could
terminate the switching operation before the controller receives any energy from the
auxiliary winding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com