Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM9710
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM9710 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
12
WARM RESET
SYNC
BITCLK
t
SYNC_HIGH
t
SYNC2CLK
Figure 6 Warm Reset Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SYNC active high pulse width
tSYNC_HIGH
1.3
µs
SYNC inactive to BITCLK startup
delay
tSYNC2CLK
162.4
ns
CLOCK SPECIFICATIONS
BITCLK
SYNC
t
CLK_HIGH
t
CLK_LOW
t
CLK_PERIOD
t
SYNC_HIGH
t
SYNC_LOW
t
SYNC_PERIOD
Figure 7 Clock Specifications (50pF External Load)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
BITCLK frequency
12.288
MHz
BITCLK period
tCLK_PERIOD
81.4
ns
BITCLK output jitter
750
ps
BITCLK high pulse width (Note 1)
tCLK_HIGH
36
40.7
45
ns
BITCLK low pulse width (Note 1)
tCLK_LOW
36
40.7
45
ns
SYNC frequency
48.0
kHz
SYNC period
tSYNC_PERIOD
20.8
µs
SYNC high pulse width
tSYNC_HIGH
1.3
µs
SYNC low pulse width
tSYNC_LOW
19.5
µs
Note:
Worst case duty cycle restricted to 45/55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com