Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9710 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM9710
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM9710 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
22
Below is a summary of each bit and its function. Only the POP, 3D, MIX, MS and LPBK bits are
supported by the WM9710. The MS bit controls the Mic selector. The LPBK bit enables loopback
of the ADC output to the DAC input without involving the AC-link, allowing for full system
performance measurements. The function default value is 0000h which is all off.
BIT
FUNCTION
POP
PCM out path and mute, 0 = pre-3D, 1 = post-3D
3D
3D stereo enhancement on/off, 1 = on
MIX
Mono output select 0 = Mix, 1 = Mic
MS
Mic select 0 = Mic1, 1 = Mic2
LPBK
ADC/DAC loopback mode
3D CONTROL REGISTER (INDEX 22H)
This register is used to control the centre and/or depth of the 3D stereo enhancement function
built into the AC’97 component. Only the depth bits DP0 to 3 have effect in the WM9710.
DP3…DP0
DEPTH
0
0%
1
-
8
Typical value
-
15
100%
Table 10 3D Control Register
POWERDOWN CONTROL/STATUS REGISTER (INDEX 26H)
This read/write register is used to program power-down states and monitor subsystem readiness.
The lower half of this register is read only status, a 1 indicating that the subsection is ready.
Ready is defined as the subsection able to perform in its nominal state. When this register is
written the bit values that come in on AC-link will have no effect on read bits 0- 7.
When the AC-link Codec Ready indicator bit (SDATAIN slot 0, bit 15) is a 1 it indicates that the
AC-link and the WM9710 control and status registers are in a fully operational state. The AC’97
controller must further probe this Powerdown Control/Status Register to determine exactly which
subsections, if any, are ready.
Note that the normal default condition of WM9710 when RESETB is applied is ‘all active’.
However, if pin 43 (PWRUP/LRC) is pulled ‘hi’ during RESETB active, all PR bits are overridden
and the device enters a low power mode. This allows a low power standby mode to be entered
without writing to the device, a condition that is desirable for example, if batteries are changed in
a PDA. The state of pin 43 is latched on the rising edge of RESETB and if the pin is ‘hi’ then the
WM9710 will remain in low power mode until register 26h is written to.
READ BIT
FUNCTION
REF
VREFs up to nominal level
ANL
Analogue mixers, etc ready
DAC
DAC section ready to accept data
ADC
ADC section ready to transmit data
Table 11 Powerdown Status Register Function
The Powerdown modes are as follows. The first three bits are to be used individually rather than
in combination with each other. The last bit PR3 can be used in combination with PR2 or by itself.
PR0 and PR1 control the PCM ADCs and DACs only. PR6 powers down just the stereo Line
Level output headphone amps on pins 39/41.
The WM9710 also includes a low power DAC to headphone mode, whereby resetting PR1and
PR6 enables the DAC and the path from the DAC to HPOUTL/R without having to power up the
main mixer (PR2). The POP bit (reg 20h) also needs to be set for this mode. The headphone
amplifier on the MONO output pin in not powered down by PR6, rather by PR2 or alternatively
may be enabled by setting MONOEN in register 74h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com