Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56517FDFP Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R5F56517FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFP Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F56517FDFP Datasheet HTML 65Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 66Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 67Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 68Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 69Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 70Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 71Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 72Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 69 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 8152h
TPU4
Timer I/O Control Register
TIOR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8154h
TPU4
Timer Interrupt Enable Register
TIER
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8155h
TPU4
Timer Status Register
TSR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8156h
TPU4
Timer Counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8158h
TPU4
Timer General Register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 815Ah
TPU4
Timer General Register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8160h
TPU5
Timer Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8161h
TPU5
Timer Mode Register
TMDR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8162h
TPU5
Timer I/O Control Register
TIOR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8164h
TPU5
Timer Interrupt Enable Register
TIER
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8165h
TPU5
Timer Status Register
TSR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8166h
TPU5
Timer Counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8168h
TPU5
Timer General Register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 816Ah
TPU5
Timer General Register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 81E6h
PPG0
PPG Output Control Register
PCR
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81E7h
PPG0
PPG Output Mode Register
PMR
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81E8h
PPG0
Next Data Enable Registers H
NDERH
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81E9h
PPG0
Next Data Enable Registers L
NDERL
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81EAh
PPG0
Output Data Registers H
PODRH
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81EBh
PPG0
Output Data Registers L
PODRL
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81ECh
PPG0
Next Data Registers H*1
NDRH
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81EDh
PPG0
Next Data Registers L*2
NDRL
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81EEh
PPG0
Next Data Registers H*1
NDRH2
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81EFh
PPG0
Next Data Registers L*2
NDRL2
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81F0h
PPG1
PPG Trigger Select Register
PTRSLR
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81F6h
PPG1
PPG Output Control Register
PCR
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81F7h
PPG1
PPG Output Mode Register
PMR
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81F8h
PPG1
Next Data Enable Registers H
NDERH
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81F9h
PPG1
Next Data Enable Registers L
NDERL
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81FAh
PPG1
Output Data Registers H
PODRH
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81FBh
PPG1
Output Data Registers L
PODRL
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81FCh
PPG1
Next Data Registers H*3
NDRH
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81FDh
PPG1
Next Data Registers L*4
NDRL
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81FEh
PPG1
Next Data Registers H*3
NDRH2
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 81FFh
PPG1
Next Data Registers L*4
NDRL2
8
8
2, 3 PCLKB
2 ICLK
PPG
0008 8200h
TMR0
Timer Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8201h
TMR1
Timer Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8202h
TMR0
Timer Control/Status Register
TCSR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8203h
TMR1
Timer Control/Status Register
TCSR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8204h
TMR0
Time Constant Register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8204h
TMR01
Time Constant Register A
TCORA
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 8205h
TMR1
Time Constant Register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8206h
TMR0
Time Constant Register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8206h
TMR01
Time Constant Register B
TCORB
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 8207h
TMR1
Time Constant Register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8208h
TMR0
Timer Counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 8208h
TMR01
Timer Counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
TMR
0008 8209h
TMR1
Timer Counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 820Ah
TMR0
Timer Counter Control Register
TCCR
8
8
2, 3 PCLKB
2 ICLK
TMR
0008 820Ah
TMR01
Timer Counter Control Register
TCCR
16
16
2, 3 PCLKB
2 ICLK
TMR
Table 4.1
List of I/O Registers (Address Order) (15 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com