Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56517FDFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F56517FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F56517FDFP Datasheet HTML 5Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 6Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 7Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 8Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 9Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 10Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 11Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 12Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 190 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0100 Rev.1.00
Page 9 of 190
Aug 24, 2016
Note 1. Magic PacketTM is a registered trademark of Advanced Micro Devices, Inc.
Note 2. The product part number differs according to whether or not it supports encryption.
Note 3. The product part number differs according to whether or not it includes an SDHI (SD host interface) / SDSI (SD slave interface).
Safety
Clock frequency
accuracy measurement
circuit (CAC)
 Monitors the clock output from the main clock oscillator, sub-clock oscillator, low- and
high-speed on-chip oscillators, the PLL frequency synthesizer, IWDT-dedicated on-chip
oscillator, and PCLKB, and generates interrupts when the setting range is exceeded.
Data operation circuit
(DOC)
 The function to compare, add, or subtract 16-bit data
Encryption
function
AESa*2
 Key lengths: 128, 192, and 256 bits
 Support for CFB, OFB, and CMAC operating modes
 Speed of calculations:
128-bit key length in 22 cycles
192-bit key length in 26 cycles
256-bit key length in 30 cycles
 Compliant with FIPS PUB 197
True random number
generator (RNGa)*2
 Length of random numbers: 16 bits
 Generation of random-number-generated interrupts after a number is generated
 Random number generation time: 1.9 ms (typ)
Operating frequency
Up to 120 MHz
Power supply voltage
VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7
 VREFH0  AVCC0,
VBATT = 2.0 to 3.6 V
Operating temperature
D-version:
40 to +85°C
G-version:
40 to +105°C (in planning)
Package
145-pin TFLGA (PTLG0145KA-A)
144-pin LFQFP (PLQP0144KA-B)
100-pin TFLGA (PTLG0100JA-A)
100-pin LFQFP (PLQP0100KB-B)
On-chip debugging system
 E1 emulator (JTAG and FINE interfaces)
 E20 emulator (JTAG interface)
Table 1.1
Outline of Specifications (8/8)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com