Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56517FDFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F56517FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56517FDFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F56517FDFP Datasheet HTML 1Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 2Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 3Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 4Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 5Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 6Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 7Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 8Page - Renesas Technology Corp R5F56517FDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 190 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0100 Rev.1.00
Page 2 of 190
Aug 24, 2016
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 gives a comparison of the functions of products in different
packages.
Table 1.1 shows the outline of maximum specifications, and the number of peripheral module channels differs
depending on the pin number on the package. For details, see Table 1.2, Comparison of Functions for Different
Packages.
Table 1.1
Outline of Specifications (1/8)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 120 MHz
 32-bit RX CPU (RXv2)
 Minimum instruction execution time: One instruction per state (cycle of the system
clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Ten 32-bit registers
Accumulator: Two 72-bit registers
 Basic instructions: 75
 Floating-point instructions: 11
 DSP instructions: 23
 Addressing modes: 11
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 × 32 → 64 bits
 On-chip divider: 32 / 32 → 32 bits
 Barrel shifter: 32 bits
FPU
 Single precision (32-bit) floating point
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Memory
Code flash memory
 Capacity: 512 Kbytes/768 Kbytes/1 Mbyte
 50 MHz  No-wait cycle access
100 MHz
 1-wait cycle access
100 MHz
 2-wait cycle access
 Instructions hitting the ROM cache or operand = 120 MHz: No-wait access
 On-board programming: Four types
 Off-board programming (parallel programmer mode)
 The trusted memory (TM) function protects against the reading of programs from blocks
8 and 9.
RAM
 Capacity: 256 Kbytes
 120 MHz, no-wait access
Standby RAM
 Capacity: 8 Kbytes
 Operation synchronized with PCLKB: Up to 60 MHz, two-cycle access
Operating modes
 Operating modes by the mode-setting pins at the time of release from the reset state
Single-chip mode
Boot mode (for the SCI interface)
Boot mode (for the USB interface)
Boot mode (for the FINE interface)
 Selection of operating mode by register setting
Single-chip mode
On-chip ROM disabled extended mode
On-chip ROM enabled extended mode
 Endian selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com