Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95A Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT82K95A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95A Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT82K95A Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 42Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
SAW Type 32-pin (5mm
´5mm) QFN Outline DimensionsASECL
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.028
0.030
0.031
A1
0.000
0.001
0.002
A3
¾
0.008 BSC
¾
b
0.007
0.010
0.012
D
0.193
0.197
0.201
E
0.193
0.197
0.201
e
¾
0.020 BSC
¾
D2
0.122
0.126
0.130
E2
0.122
0.126
0.130
L
0.014
0.016
0.018
K
0.008
¾¾
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.700
0.750
0.800
A1
0.000
0.020
0.050
A3
¾
0.203 BSC
¾
b
0.180
0.250
0.300
D
4.900
5.000
5.100
E
4.900
5.000
5.100
e
¾
0.500 BSC
¾
D2
3.100
3.200
3.30
E2
3.00
3.200
3.30
L
0.35
0.40
0.45
K
0.20
¾¾
HT82K95E/HT82K95A
Rev. 2.40
39
November 5, 2014
D
E
e
b
A 1
A 3
A
D 2
L
E 2
K
1
8
9
1 6
1 7
2 4
2 5
3 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com