Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95A Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT82K95A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95A Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT82K95A Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 42Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
48-pin SSOP (300mil) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.395
¾
0.420
B
0.291
0.295
0.299
C
0.008
¾
0.014
C
¢
0.620
0.625
0.630
D
0.095
0.102
0.110
E
¾
0.025 BSC
¾
F
0.008
0.012
0.016
G
0.020
¾
0.040
H
0.005
¾
0.010
a
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
10.03
¾
10.67
B
7.39
7.49
7.59
C
0.20
¾
0.34
C
¢
15.75
15.88
16.00
D
2.41
2.59
2.79
E
¾
0.64 BSC
¾
F
0.20
0.30
0.41
G
0.51
¾
1.02
H
0.13
¾
0.25
a
0
°¾
8
°
HT82K95E/HT82K95A
Rev. 2.40
40
November 5, 2014
4 8
1
2 5
2 4
A
B
C
D
F
C '
G
H
a
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com