Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K95A Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT82K95A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95A Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT82K95A Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 42Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
48-pin LQFP (7mm
´7mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
¾
0.354 BSC
¾
B
¾
0.276 BSC
¾
C
¾
0.354 BSC
¾
D
¾
0.276 BSC
¾
E
¾
0.020 BSC
¾
F
0.007
0.009
0.011
G
0.053
0.055
0.057
H
¾¾
0.063
I
0.002
¾
0.006
J
0.018
0.024
0.030
K
0.004
¾
0.008
a
0
°¾
7
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
¾
9.00 BSC
¾
B
¾
7.00 BSC
¾
C
¾
9.00 BSC
¾
D
¾
7.00 BSC
¾
E
¾
0.50 BSC
¾
F
0.17
0.22
0.27
G
1.35
1.40
1.45
H
¾¾
1.60
I
0.05
¾
0.15
J
0.45
0.60
0.75
K
0.09
¾
0.20
a
0
°¾
7
°
HT82K95E/HT82K95A
Rev. 2.40
41
November 5, 2014
3 6
2 5
3 7
2 4
1 3
1 2
1
4 8
A
B
C
D
E
F
G
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com