Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97CFDC Datasheet(PDF) 13 Page - SMSC Corporation

Part # 97CFDC
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

97CFDC Datasheet(HTML) 13 Page - SMSC Corporation

Back Button 97CFDC Datasheet HTML 9Page - SMSC Corporation 97CFDC Datasheet HTML 10Page - SMSC Corporation 97CFDC Datasheet HTML 11Page - SMSC Corporation 97CFDC Datasheet HTML 12Page - SMSC Corporation 97CFDC Datasheet HTML 13Page - SMSC Corporation 97CFDC Datasheet HTML 14Page - SMSC Corporation 97CFDC Datasheet HTML 15Page - SMSC Corporation 97CFDC Datasheet HTML 16Page - SMSC Corporation 97CFDC Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SMSC DS – USB97CFDC
Page 13
Rev. 12/15/2000
FA[0:19
]
FD [7:0
nFR D
nFW R
t1
t5
t3
t4
t2
FIGURE 2 – FLASH READ TIMING
Table 3 – Flash Read Timing
NAME
PARAMETER
MIN
TYP
MAX
UNITS
t1
FA[14:0] Address setup time to nFRD asserted
40
ns
t2
nFRD pulse width
110
ns
t3
FD[7:0] Data setup time to nFRD de-asserted
30
ns
t4
FD[7:0] Data hold time from nFRD de-asserted
0
ns
t5
FA[14:0] Address hold time from nFRD de-asserted
35
ns
FIGURE 3 – SRAM MEMORY WRITE TIMING
Table 4 – SRAM Memory Write Timing
NAME
PARAMETER
MIN
TYP
MAX
UNITS
t1
SA[19:0] valid before nMEMWR asserted
10
ns
t2
nMEMWR pulse width
100
ns
t3
SD[7:0] Data setup time to nMEMWR de-asserted
50
ns
t4
SD[7:0] Data hold time from nMEMWR de-asserted
10
ns
t5
nMEMWR de-asserted to SA[13:0] invalid
10
ns
SA [1 3 :0
S D [7 :0
nM E M W
t1
t5
t3
t4
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com