Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97CFDC Datasheet(PDF) 16 Page - SMSC Corporation

Part # 97CFDC
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

97CFDC Datasheet(HTML) 16 Page - SMSC Corporation

Back Button 97CFDC Datasheet HTML 12Page - SMSC Corporation 97CFDC Datasheet HTML 13Page - SMSC Corporation 97CFDC Datasheet HTML 14Page - SMSC Corporation 97CFDC Datasheet HTML 15Page - SMSC Corporation 97CFDC Datasheet HTML 16Page - SMSC Corporation 97CFDC Datasheet HTML 17Page - SMSC Corporation 97CFDC Datasheet HTML 18Page - SMSC Corporation 97CFDC Datasheet HTML 19Page - SMSC Corporation 97CFDC Datasheet HTML 20Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SMSC DS – USB97CFDC
Page 16
Rev. 12/15/2000
USB AC PARAMETERS
Full Speed: 4 to 20ns at CL = 50pF
Differential
Data Lines
10%
Rise Time
90%
Fall Time
tF
tR
10%
90%
CL
CL
FIGURE 7 - DATA SIGNAL RISE AND FALL TIME
TPERIOD
Differential
Data Lines
Crossover
Points
Paired
Transitions
N * TPERIOD + TxJR2
Consecutive
Transitions
N * TPERIOD + TxJR1
FIGURE 8 - DIFFERENTIAL DATA JITTER
TPERIOD
Differential
Data Lines
Crossover
Point
Crossover
Point Extended
Source EOP Width:
TEOPT
Receiver EOP Width: TEOPR1, TEOPR2
Diff. Data to
SE0 Skew
N * TPERIOD + TDEOP
FIGURE 9 - DIFFERENTIAL TO EOP TRANSITION SKEW AND EOP WIDTH
Differential
Data Lines
Paired
Transitions
N * TPERIOD + TJR2
TPERIOD
Consecutive
Transitions
N * TPERIOD + TJR1
TJR
TJR1
TJR2
FIGURE 10 - RECEIVER JITTER TOLERANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com