Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC-MN Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB97CFDC-MN
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC-MN Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB97CFDC-MN Datasheet HTML 8Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 9Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 10Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 11Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 12Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 13Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 14Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 15Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SMSC DS – USB97CFDC
Page 12
Rev. 12/15/2000
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 24mA
IOH = -12mA
VIN = 0 to Vcc (Note 1)
OD24 Type Buffer
Low Output Level
Output Leakage
VOL
IOL
-10
0.4
+10
V
µA
IOL = 24mA
VIN = 0 to Vcc (Note 1)
IO-U
Note 2
Supply Current Active
Supply Current
Standby
ICC
ICSBU
30
120
75
300
MA
µA
All outputs open.
Note 1: Output leakage is measured with the current pins in high impedance.
Note 2: See Appendix A for USB DC electrical characteristics.
CAPACITANCE TA = 25°C; fc = 1MHz; VCC = 3.3V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
All pins except USB pins
(and pins under test tied
to AC ground)
AC PARAMETERS
t2
t1
t2
CLOCKI
FIGURE 1 - INPUT CLOCK TIMING
Table 2 – Input Clock Timing Parameters
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Clock Cycle Time for 14.318MHz
69.84
ns
t2
Clock High Time/Low Time for 24MHz
41.9/
27.9
27.9/
41.9
ns
tr, tf
Clock Rise Time/Fall Time (not shown)
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com