Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC-MN Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB97CFDC-MN
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC-MN Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB97CFDC-MN Datasheet HTML 12Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 13Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 14Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 15Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 16Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 17Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 18Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 19Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 20Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SMSC DS – USB97CFDC
Page 17
Rev. 12/15/2000
Table 2 - Full Speed (12Mbps) Source Electrical Characteristics
PARAMETER
SYM
CONDITIONS
(NOTE 1, 2, 3)
MIN
TYP
MAX
UNIT
Driver Characteristics
Transition Time:
Rise Time
Fall Time
TR
TF
Note 4,5 and
FIGURE 7
CL = 50 pF
CL = 50 pF
4
4
20
20
ns
ns
Rise/Fall Time Matching
TRFM
(TR/TF)
90
110
%
Output Signal
Crossover Voltage
VCRS
1.3
2.0
V
Drive Output
Resistance
ZDRV
Steady State Drive
28
43
Ω
Data Source Timing
Full Speed Data Rate
TDRATE
Ave. Bit Rate
(12 Mb/s +/-
0.25%) Note 8
11.95
12.03
Mbs
Frame Interval
TFRAME
1.0 ms +/- 0.05%
0.999
5
1.0005
ms
Source Differential
Driver Jitter
To next Transition
For Paired Transitions
TDJ1
TDJ2
Note 6, 7 and
FIGURE 8
-3.5
-4.0
3.5
4.0
ns
ns
Source EOP Width
TEOPT
Note 7 and
FIGURE 9
160
175
ns
Differential to EOP
transition Skew
TDEOP
Note 7 and
FIGURE 9
-2
5
ns
Receiver Data Jitter
Tolerance
To next Transition
For Paired Transitions
TJR1
TJR2
Note 7 and
FIGURE 10
-18.5
-9
18.5
9.0
ns
ns
EOP Width at receiver
Must reject as EOP
Must Accept
TEOPR1
TEOPR2
Note 7 and
FIGURE 9
40
82
ns
ns
Cable Impedance and Timing
Cable Impedance (Full
Speed)
ZO
(45
Ω +/- 15%)
38.75
51.75
Ω
Cable Delay (One Way)
TCBL
30
ns
Note 1: All voltages are measured from the local ground potential, unless otherwise specified.
Note 2: All timing use a capacitive load (CL) to ground of 50pF, unless otherwise specified.
Note 3: Full speed timings have a 1.5K
Ω pull-up to 2.8 V on the D+ data line.
Note 4: Measured from 10% to 90% of the data signals.
Note 5: The rising and falling edges should be smoothly transiting (monotonic).
Note 6: Timing differences between the differential data signals.
Note 7: Measured at crossover point of differential data signals.
Note 8: These are relative to the 14.318 MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com