Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97CFDC-MN Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB97CFDC-MN
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC-MN Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB97CFDC-MN Datasheet HTML 10Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 11Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 12Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 13Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 14Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 15Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 16Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 17Page - SMSC Corporation USB97CFDC-MN Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SMSC DS – USB97CFDC
Page 14
Rev. 12/15/2000
FIGURE 4 - SRAM MEMORY READ TIMING
Table 5 – SRAM Memory Read Timing
NAME
PARAMETER
MIN
TYP
MAX
UNITS
t1
SA[19:0] valid before nMEMRD asserted
10
ns
t2
nMEMRD pulse width
100
ns
t3
SD[7:0] Data setup time to nMEMRD de-asserted
50
ns
t4
SD[7:0] Data hold time from nMEMRD de-asserted
20
ns
t5
nMEMRD de-asserted to SA [13:0] invalid
10
ns
FIGURE 5 - DISK DRIVE TIMING
SA [1 3 :0
S D [7 :0 ]
nM E M R
t1
t5
t3
t4
t2
TYP
t3
t1
t2
t4
t5
t6
t7
t8
nDIR
nSTEP
nDS0
nINDEX
nRDATA
nWDATA
*X specifies one MCLK period and Y specifies one WCLK period.
MCLK = 16x Data Rate (at 500 Kbp/s MCLK = 8 MHz)
WCLK = 2x Data Rate (at 500 Kbp/s WCLK = 1 MHz)
PARAMETER
MIN
MAX
UNITS
t1
t2
t3
t4
t5
t6
t7
t8
nDIR Set Up to nSTEP Low
nSTEP Active Time Low
nDIR Hold Time After nSTEP
nSTEP Cycle Time
nDS0-1 Hold Time from nSTEP Low
nINDEX Pulse Width
nRDATA Active Time Low
nWDATA Write Data Width Low
X*
X*
X*
X*
X*
X*
ns
Y*
4
24
96
132
20
2
40
.5
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com