Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7782 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 7782
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7782 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 7782 Datasheet HTML 6Page - STMicroelectronics 7782 Datasheet HTML 7Page - STMicroelectronics 7782 Datasheet HTML 8Page - STMicroelectronics 7782 Datasheet HTML 9Page - STMicroelectronics 7782 Datasheet HTML 10Page - STMicroelectronics 7782 Datasheet HTML 11Page - STMicroelectronics 7782 Datasheet HTML 12Page - STMicroelectronics 7782 Datasheet HTML 13Page - STMicroelectronics 7782 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
M58CR032C, M58CR032D
10/63
SIGNAL DESCRIPTIONS
See Figure 2 Logic Diagram, and Table 1, Signal
Names, for a brief overview of the signals connect-
ed to this device.
Address Inputs (A0-A20). The Address Inputs
select the cells in the memory array to access dur-
ing Bus Read operations. During Bus Write opera-
tions they control the commands sent to the
Command Interface of the internal state machine.
The address inputs for the memory array are
latched on the rising edge of Latch Enable L. The
address latch is transparent when L is at VIL. In
synchronous operations the address is also
latched on the first rising/falling edge of K (de-
pending on clock configuration) when L is low.
During a Write operation the address is latched on
the rising edge of L or W, whichever occurs first.
Data Inputs/Outputs (DQ0-DQ15). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations they represent the commands
sent to the Command Interface of the internal state
machine.
Both input data and commands are latched on the
rising edge of Write Enable, W. When Chip En-
able, E, and Output Enable, G, are at VIL the data
bus outputs data from the Memory Array, the Elec-
tronic Signature, Manufacturer or Device codes,
the Block Protection Status, the Burst Configura-
tion Register, the Protection Register or the Status
Register. The data bus is high impedance when
the chip is deselected, Output Enable, G, is at VIH,
or Reset/Power-Down, RP, is at VIL.
Chip Enable (E). The Chip Enable input acti-
vates the memory control logic, input buffers, de-
coders and sense amplifiers. When Chip Enable,
E, is at VIH, the memory is deselected and the
power consumption is reduced to the standby lev-
el. Chip Enable can also be used to control writing
to the Command Interface and to the memory ar-
ray, while Write Enable, W, remains at VIL.
Output Enable (G). The Output Enable gates the
outputs through the data buffers during a read op-
eration. When Output Enable, G, is at VIH the out-
puts are high impedance.
Write Enable (W). The Write Enable controls the
Bus Write operation of the memory’s Command
Interface. Data are latched on the rising edge of
Write Enable.
Write Protect (WP). Write Protect is an input that
gives an additional hardware protection for each
block. When Write Protect is at VIL, the Lock-Down
is enabled and the protection status of the block
cannot be changed. When Write Protect is at VIH,
the Lock-Down is disabled and the block can be
locked or unlocked. (refer to Table 10, Read Pro-
tection Register).
Reset/Power-Down (RP). The
Reset/Power-
Down input provides hardware reset of the memo-
ry, and/or Power-Down functions, depending on
the Burst Configuration Register status. A Reset or
Power-Down of the memory is achieved by pulling
RP to VIL for at least tPLPH. When the reset pulse
is given, the memory will recover from Power-
Down (when enabled) in a minimum of tPHEL,
tPHLL or tPHWL (see Table 25 and Figure 16) after
the rising edge of RP. After a Reset or Power-Up
the device is configured for asynchronous page
read (M15=1) and the power save function is dis-
abled (M10=0). All blocks are locked after a Reset
or Power-Down. Either Chip Enable or Write En-
able must be tied to VIH during Power-Up to allow
maximum security and the possibility to write a
command on the first rising edge of Write Enable.
Latch Enable (L). Latch Enable latches the ad-
dress bits A0-A20 on its rising edge. The ad-
dress latch is transparent when L is at VIL and
it is inhibited when L is at VIH.
Clock (K). The clock input synchronizes the
memory to the microcontroller during burst mode
read operation; the address is latched on a K edge
(rising or falling, according to the configuration set-
tings) when L is at VIL. K is don't care during asyn-
chronous page mode read and in write operations.
Wait (WAIT). Wait is an output signal used during
burst mode read, indicating whether the data on
the output bus are valid or a wait state must be in-
serted. This output is high impedance when Chip
Enable or Output Enable are at VIH or Reset/Pow-
er-Down is at VIL. It can be configured to be active
during the wait cycle or one clock cycle in ad-
vance.
VDD Supply Voltage (1.65V to 2V). VDD
pro-
vides the power supply to the internal core of the
memory device. It is the main power supply for all
operations (Read, Program and Erase). It ranges
from 1.65V to 2.0V.
VDDQ Supply Voltage (1.65V to 3.3V). VDDQ
provides the power supply to the I/O pins and en-
ables all Outputs to be powered independently
from VDD. VDDQ can be tied to VDD or it can use a
separate supply. It can be powered either from
1.65V to 2.0V or from 1.65V to 3.3V.
VPP Program Supply Voltage (12V).
VPP is a power supply pin. The Supply Voltage
VDD and the Program Supply Voltage VPP can be
applied in any order. The pin can also be used as
a control input.
The two functions are selected by the voltage
range applied to the pin. If VPP is kept in a low volt-
age range (0V to 2V) VPP is seen as a control in-
put. In this case a voltage lower than VPPLK gives
an absolute protection against program or erase,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com