Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7782 Datasheet(PDF) 13 Page - STMicroelectronics

Part # 7782
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7782 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 7782 Datasheet HTML 9Page - STMicroelectronics 7782 Datasheet HTML 10Page - STMicroelectronics 7782 Datasheet HTML 11Page - STMicroelectronics 7782 Datasheet HTML 12Page - STMicroelectronics 7782 Datasheet HTML 13Page - STMicroelectronics 7782 Datasheet HTML 14Page - STMicroelectronics 7782 Datasheet HTML 15Page - STMicroelectronics 7782 Datasheet HTML 16Page - STMicroelectronics 7782 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
13/63
M58CR032C, M58CR032D
Protection Register, see Figure 6, for an example
of a single synchronous read operation.
Synchronous Burst Read. The device also sup-
ports a synchronous burst read. In this mode a
burst sequence is started at the first clock edge
(rising or falling according to configuration set-
tings) after the falling edge of Latch Enable. After
a configurable delay of 2 to 5 clock cycles a new
data is output at each clock cycle. The burst se-
quence may be configured to be sequential or in-
terleaved and for a length of 4 or 8 words or for
continuous burst mode (see Table 5, Burst Type
Definition). Wrap and no-wrap modes are also
supported.
A WAIT signal may be asserted to indicate to the
system that an output delay will occur. This delay
will depend on the starting address of the burst se-
quence; the worst case delay will occur when the
sequence is crossing a 64 word boundary and the
starting address was at the end of a four word
boundary. See the Burst Configuration Register
command for more details on all the possible set-
tings for the synchronous burst read (see Table 4).
It is possible to perform burst read across bank
boundaries (all banks in read array mode).
Table 3. Bus Operations
Note: 1. X = Don’t care.
2. T = transition, falling edge for L, rising or falling edge for K depending on M6 in the Burst Configuration Register. The burst sequence
is started on the first active clock edge after the falling edge of Latch Enable.
3. L can be tied to VIH if the valid address has been previously latched
Operation
E
G
W
L
KRP
WP
DQ15-DQ0
Asynchronous Read
VIL
VIL
VIH
VIL
(3)
X
VIH
X
Data Output
Asynchronous Page Read
VIL
VIL
VIH
VIL
(3)
X
VIH
X
Data Output
Asynchronous Write
VIL
VIH
VIL
VIL
(3)
X
VIH
VIH
Data Input
Output Disable
VIL
VIH
VIH
XX
VIH
VIH
Hi-Z
Standby
VIH
XX
X
X
VIH
X
Hi-Z
Reset / Power-Down
X
X
X
X
X
VIL
X
Hi-Z
Synchronous Read
VIL
VIL
VIH
T(2)
T(2)
VIH
X
Data Output
Synchronous Burst Read
VIL
VIL
VIH
T(2)
T(2)
VIH
X
Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com