Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7782 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 7782
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7782 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 7782 Datasheet HTML 7Page - STMicroelectronics 7782 Datasheet HTML 8Page - STMicroelectronics 7782 Datasheet HTML 9Page - STMicroelectronics 7782 Datasheet HTML 10Page - STMicroelectronics 7782 Datasheet HTML 11Page - STMicroelectronics 7782 Datasheet HTML 12Page - STMicroelectronics 7782 Datasheet HTML 13Page - STMicroelectronics 7782 Datasheet HTML 14Page - STMicroelectronics 7782 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
11/63
M58CR032C, M58CR032D
while VPP > VPP1 enables these functions (see Ta-
ble 19, DC Characteristics for the relevant values).
VPP is only sampled at the beginning of a program
or erase; a change in its value after the operation
has started does not have any effect on Program
or Erase, however for Double or Quadruple Word
Program the results are uncertain.
If VPP is in the range 11.4V to 12.6V it acts as a
power supply pin. In this condition VPP must be
stable until the Program/Erase algorithm is com-
pleted (see Table 16 and 17). In read mode the
current sunk is less then 0.5mA, while during pro-
gram and erase operations the current may in-
crease up to 10mA.
VSS and VSSQ Grounds. VSS and VSSQ grounds
are the reference for the core supply and the input/
output voltage measurements respectively.
Note: Each device in a system should have
VDD, VDDQ and VPP decoupled with a 0.1µF ca-
pacitor close to the pin. See Figure 10, AC Mea-
surement Load Circuit. The PCB trace widths
should be sufficient to carry the required VPP
program and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com