Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032D Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58CR032D
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58CR032D Datasheet HTML 13Page - STMicroelectronics M58CR032D Datasheet HTML 14Page - STMicroelectronics M58CR032D Datasheet HTML 15Page - STMicroelectronics M58CR032D Datasheet HTML 16Page - STMicroelectronics M58CR032D Datasheet HTML 17Page - STMicroelectronics M58CR032D Datasheet HTML 18Page - STMicroelectronics M58CR032D Datasheet HTML 19Page - STMicroelectronics M58CR032D Datasheet HTML 20Page - STMicroelectronics M58CR032D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
17/63
M58CR032C, M58CR032D
Table 5. Burst Type Definition
Start
Address
4 Words
8 Words
Continuous Burst
Sequential
Interleaved
Sequential
Interleaved
0
0-1-2-3
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6...
1
1-2-3-0
1-0-3-2
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
1-2-3-4-5-6-7...
2
2-3-0-1
2-3-0-1
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
2-3-4-5-6-7-8...
3
3-0-1-2
3-2-1-0
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
3-4-5-6-7-8-9...
...
7
7-4-5-6
7-6-5-4
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
7-8-9-10-11-12-13...
...
60
60-61-62-63-64-65-66...
61
61-62-63-WAIT-64-65-66...
62
62-63-WAIT-WAIT-64-65-66...
63
63-WAIT-WAIT-WAIT-64-65-
66...
Sequential
Interleaved
Sequential
Interleaved
0
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6...
1
1-2-3-4
1-2-3-4-5-6-7-8
1-2-3-4-5-6-7...
2
2-3-4-5
2-3-4-5-6-7-8-9...
2-3-4-5-6-7-8...
3
3-4-5-6
3-4-5-6-7-8-9-10
3-4-5-6-7-8-9...
...
7
7-8-9-10
7-8-9-10-11-12-13-14
7-8-9-10-11-12-13...
...
60
60-61-62-63
60-61-62-63-64-65-66-
67
60-61-62-63-64-65-66...
61
61-62-63-WAIT-64
61-62-63-WAIT-64-65-
66-67-68
61-62-63-WAIT-64-65-66...
62
62-63-WAIT-
WAIT-64-65
62-63-WAIT-WAIT-64-
65-66-67-68-69
62-63-WAIT-WAIT-64-65-66...
63
63-WAIT-WAIT-
WAIT-64-65-66
63-WAIT-WAIT-WAIT-
64-65-66-67-68-69-70
63-WAIT-WAIT-WAIT-64-65-
66...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com