Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032D Datasheet(PDF) 19 Page - STMicroelectronics

Part # M58CR032D
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M58CR032D Datasheet HTML 15Page - STMicroelectronics M58CR032D Datasheet HTML 16Page - STMicroelectronics M58CR032D Datasheet HTML 17Page - STMicroelectronics M58CR032D Datasheet HTML 18Page - STMicroelectronics M58CR032D Datasheet HTML 19Page - STMicroelectronics M58CR032D Datasheet HTML 20Page - STMicroelectronics M58CR032D Datasheet HTML 21Page - STMicroelectronics M58CR032D Datasheet HTML 22Page - STMicroelectronics M58CR032D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
19/63
M58CR032C, M58CR032D
COMMAND INTERFACE
All Bus Write operations to the memory are inter-
preted by the Command Interface. Commands
consist of one or more sequential Bus Write oper-
ations. An internal Program/Erase Controller han-
dles all timings and verifies the correct execution
of the Program and Erase commands. The Pro-
gram/Erase Controller provides a Status Register
whose output may be read at any time during, to
monitor the progress of the operation, or the Pro-
gram/Erase states. See Appendix C, Tables 36
and 37, Command Interface States - Lock and
Modify Tables, for a summary of the Command In-
terface.
The Command Interface is reset to Read mode
when power is first applied, when exiting from Re-
set or whenever VDD is lower than VLKO. Com-
mand sequences must be followed exactly. Any
invalid combination of commands will reset the de-
vice to Read mode. Refer to Table 6, Commands,
in conjunction with the text descriptions below.
Read Command.
The Read command returns the addressed bank
to Read mode. One Bus Write cycle is required to
issue the Read command and return the ad-
dressed Bank to Read mode. Subsequent read
operations will read the addressed location and
output the data. A Read command can be issued
in one bank while programming or erasing in the
other bank. However if a Read command is issued
to a bank currently executing a program or erase
operation the command will be ignored.
When a device Reset occurs, the memory defaults
to Read mode.
Read Status Register Command
A bank’s Status Register indicates when a pro-
gram or erase operation is complete and the suc-
cess or failure of operation itself. Issue a Read
Status Register command to read the Status Reg-
ister content of the addressed bank. The status of
the other bank is not affected by the command.
The Read Status Register command can be is-
sued at any time, even during program or erase
operations.
The following Read operations output the content
of the Status Register of the addressed bank. The
Status Register is latched on the falling edge of E
or G signals, and can be read until E or G returns
to VIH. Either E or G must be toggled to update the
latched data. See Table 15 for the description of
the Status Register Bits. This mode supports
asynchronous or single synchronous reads only.
Read Electronic Signature Command
The Read Electronic Signature command reads
the Manufacturer and Device Codes and the Block
Locking Status, or the Protection Register.
The Read Electronic Signature command consists
of one write cycle to an address within the bottom
bank. A subsequent read operation in the address
of the bottom bank will output the Manufacturer
Code, the Device Code, the protection Status of
Blocks of the bottom bank, the Die Revision Code,
the Protection Register, or the Read Configuration
Register (see Table 11).
If the first write cycle of Read Electronic Signature
command is issued to an address within the top
bank, a subsequent read operation in an address
of the top bank will output the protection Status of
blocks of the top bank. The status of the other
bank is not affected by the command (see Table
7). This mode supports asynchronous or single
synchronous reads only.
See Tables 8, 9, 10 and 11 for the valid addresses.
Read CFI Query Command
The Read CFI Query Command is used to read
data from the Common Flash Interface (CFI)
Memory Area, located in the bottom bank. One
Bus Write cycle, addressed to the bottom bank, is
required to issue the Read Query Command.
Once the command is issued subsequent Bus
Read operations in the bottom bank read from the
Common Flash Interface Memory Area. The sta-
tus of the top bank is not affected by the command
(see Table 7). After issuing a Read CFI Query
command, a Read command should be issued to
return the bank to read mode.
See Appendix B, Common Flash Interface, Tables
29, 30, 31, 32, 33, 34 and 35 for details on the in-
formation contained in the Common Flash Inter-
face memory area.
Clear Status Register Command
The Clear Status Register command can be used
to reset (set to ‘0’) bits 1, 3, 4 and 5 in the Status
Register of the addressed bank’. One bus write cy-
cle is required to issue the Clear Status Register
command. After the Clear Status Register com-
mand the bank returns to read mode.
The bits in the Status Register do not automatical-
ly return to ‘0’ when a new Program or Erase com-
mand is issued. The error bits in the Status
Register should be cleared before attempting a
new Program or Erase command.
Block Erase Command
The Block Erase command can be used to erase
a block. It sets all the bits within the selected block
to ’1’. All previous data in the block is lost. If the
block is protected then the Erase operation will
abort, the data in the block will not be changed and
the Status Register will output the error. It is not
necessary to pre-program the block as the Pro-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com