Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032D Datasheet(PDF) 25 Page - STMicroelectronics

Part # M58CR032D
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032D Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M58CR032D Datasheet HTML 21Page - STMicroelectronics M58CR032D Datasheet HTML 22Page - STMicroelectronics M58CR032D Datasheet HTML 23Page - STMicroelectronics M58CR032D Datasheet HTML 24Page - STMicroelectronics M58CR032D Datasheet HTML 25Page - STMicroelectronics M58CR032D Datasheet HTML 26Page - STMicroelectronics M58CR032D Datasheet HTML 27Page - STMicroelectronics M58CR032D Datasheet HTML 28Page - STMicroelectronics M58CR032D Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
25/63
M58CR032C, M58CR032D
Table 10. Read Protection Register
Note: 1. Addresses are latched on the rising edge of L input.
2. X = Don’t care.
Table 11. Identifier Codes
Note: DRC=Die Revision Code, BCR=Burst Configuration Register, LPR= Lock Protection Register, PR=Protection Register (Unique Device
Number and User Programmable OTP).
Word
E
G
W
A20-16
A15-8
A7-0
DQ15-8
DQ7-3
DQ2
DQ1
DQ0
Lock
VIL
VIL
VIH
X (2)
X (2)
80h
00h
00000B
Security
prot.data
OTP
prot.data
0
Unique ID 0
VIL
VIL
VIH
X (2)
X (2)
81h
ID data
ID data
ID data
ID data
ID data
Unique ID 1
VIL
VIL
VIH
X (2)
X (2)
82h
ID data
ID data
ID data
ID data
ID data
Unique ID 2
VIL
VIL
VIH
X (2)
X (2)
83h
ID data
ID data
ID data
ID data
ID data
Unique ID 3
VIL
VIL
VIH
X (2)
X (2)
84h
ID data
ID data
ID data
ID data
ID data
OTP 0
VIL
VIL
VIH
X (2)
X (2)
85h
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 1
VIL
VIL
VIH
X (2)
X (2)
86h
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 2
VIL
VIL
VIH
X (2)
X (2)
87h
OTP data
OTP data
OTP data
OTP data
OTP data
OTP 3
VIL
VIL
VIH
X (2)
X (2)
88h
OTP data
OTP data
OTP data
OTP data
OTP data
Code
Address (h)
Data (h)
Manufacturer Code
Bank Address + 00
0020
Device Code
Top (M58CR032C)
Bank Address + 01
88C8
Bottom (M58CR032D)
88C9
Block Protection
Lock
Bank Address + 02
0001
Unlocked
0000
Locked and Locked-Down
0003
Unlocked and Locked-Down
0002
Die Revision Code
Bank Address + 03
DRC
Burst Configuration Register
Bank Address + 05
BCR
Lock Protection Register
Bank Address + 80
LPR
Protection Register
Bank Address + 81
Bank Address + 88
PR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com