Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8501 Datasheet(PDF) 9 Page - Cirrus Logic

Part # WM8501
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8501 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button WM8501 Datasheet HTML 5Page - Cirrus Logic WM8501 Datasheet HTML 6Page - Cirrus Logic WM8501 Datasheet HTML 7Page - Cirrus Logic WM8501 Datasheet HTML 8Page - Cirrus Logic WM8501 Datasheet HTML 9Page - Cirrus Logic WM8501 Datasheet HTML 10Page - Cirrus Logic WM8501 Datasheet HTML 11Page - Cirrus Logic WM8501 Datasheet HTML 12Page - Cirrus Logic WM8501 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Production Data
WM8501
w
PD, Rev 4.3, February 2013
9
DEVICE DESCRIPTION
GENERAL INTRODUCTION
The WM8501 is a high performance DAC with an integrated 1.7Vrms line driver from a 5V
analogue supply, designed for digital consumer audio applications.
The WM8501 is a complete 2-channel stereo audio digital-to-analogue converter, including digital
interpolation filter, multi-bit sigma delta with dither, and switched capacitor multi-bit stereo DAC
and output smoothing filters. It is fully compatible and an ideal partner for a range of industry
standard microprocessors, controllers and DSPs. Control of the internal functionality of the device
is provided by hardware control pins (pin programmed).
Operation using master clocks of 256fs, 384fs, 512fs or 768fs is supported, selection between
clock rates being automatically controlled. Sample rates (fs) from less than 8kHz to 96kHz are
allowed, provided the appropriate system clock is input. Support is also provided for up to 192kHz
using a master clock of 128fs or 192fs.
The audio data interface supports 16-bit right justified or 16-24-bit I
2S (Philips left justified, one bit
delayed) interface formats. A DSP interface is also supported, enhancing the interface options for
the user.
Split analog and digital 2.7-5.5V supply may be used, the output amplitude scaling with absolute
analogue supply level. Low supply voltage operation and low current consumption combined with
the low pin count small package make the WM8501 attractive for many consumer applications. A
power down mode is provided, allowing power consumption to be minimised.
The device is packaged in a small 14-pin SOIC.
DAC CIRCUIT DESCRIPTION
The WM8501 DAC is designed to allow playback of 24-bit PCM audio or similar data with high
resolution and low noise and distortion. Sample rates up to 192kHz may be used, with much lower
sample rates being acceptable provided that the ratio of sample rate (LRCLK) to master clock
(MCLK) is maintained at one of the required rates.
The two DACs on the WM8501 are implemented using sigma-delta oversampled conversion
techniques. These require that the PCM samples are digitally filtered and interpolated to generate
a set of samples at a much higher rate than the up to 192kHz input rate. This sample stream is
then digitally modulated to generate a digital pulse stream that is then converted to analogue
signals in a switched capacitor DAC.
The advantage of this technique is that the DAC is linearised using noise shaping techniques,
allowing the 24-bit resolution to be met using non-critical analogue components. A further
advantage is that the high sample rate at the DAC output means that smoothing filters on the
output of the DAC need only have fairly crude characteristics in order to remove the characteristic
steps, or images on the output of the DAC. To prevent the generation of unwanted tones dithering
is used in the digital modulator along with a higher order modulator.
The multi-bit switched capacitor technique used in the DAC reduces sensitivity to clock jitter, and
dramatically reduces out of band noise compared to switched current or single bit techniques.
The voltage on the VMID pin is used as the reference for the DACs. Therefore the amplitude of
the signals at the DAC outputs will scale with the amplitude of the voltage at the VMID pin. An
external reference could be used to drive into the VMID pin if desired, with a value typically of
about midrail ideal for optimum performance.
The outputs of the 2 DACs are buffered out of the device by buffer amplifiers capable of driving
into low impedance line loads as low as 820
 or headphone loads down to 16. The buffer
amplifier output voltage level is set to 1.7V rms for line level loads when using a 5V analogue
supply, avoiding the requirement for additional gain stages or higher voltage supplies in many
applications. When driving headphone loads the output voltage level is limited to 1Vrms. The
advanced multi-bit DAC used in WM8501 produces far less out of band noise than single bit
traditional sigma delta DACs, and so in most applications where a line level output is required, no
post DAC filter is required. Typically an AC coupling capacitor and a DC setting resistor to ground
are the only components required on the output of the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com