Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8501 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8501
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8501 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8501 Datasheet HTML 9Page - Cirrus Logic WM8501 Datasheet HTML 10Page - Cirrus Logic WM8501 Datasheet HTML 11Page - Cirrus Logic WM8501 Datasheet HTML 12Page - Cirrus Logic WM8501 Datasheet HTML 13Page - Cirrus Logic WM8501 Datasheet HTML 14Page - Cirrus Logic WM8501 Datasheet HTML 15Page - Cirrus Logic WM8501 Datasheet HTML 16Page - Cirrus Logic WM8501 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Production Data
WM8501
w
PD, Rev 4.3, February 2013
13
HIGH PERFORMANCE MODE
On the rising edge of ENABLE, the DEEMPH pin is sampled. If it is low the device powers up
normally. If it is high the device goes into a high performance and high power consumption state.
Once ENABLE is high, DEEMPH controls the selection of the de-emphasis filter.
INPUT AUDIO FORMAT SELECTION
FORMAT (pin 13) controls the data input format.
FORMAT
INPUT DATA MODE
0
16 bit right justified
1
16–24 bit I
2S
Table 2 Input Audio Format Selection
Notes:
1.
In 16-24 bit I
2S mode, any data from 16-24 bits or more is supported provided that LRCLK is
high for a minimum of data width BCLKs and low for a minimum of data width BCLKs, unless
Note 2. For data widths greater than 24 bits, the LSB’s will be truncated and the most
significant 24 bits will be used by the internal processing.
2.
If exactly 16 BCLK cycles occur in both the low and high period of LRCLK the WM8501 will
assume the data is 16-bit and accept the data accordingly.
INPUT DSP FORMAT SELECTION
FORMAT
50% LRCLK DUTY CYCLE
LRCLK of 4 BCLK or Less Duration
0
16 bit
(MSB-first, right justified)
DSP format –mode B
1
I
2S format up to 24 bit
(Philips serial data protocol)
DSP format –mode A
Table 3 DSP Interface Formats
DE-EMPHASIS CONTROL
DEEMPH (pin 12) is an input control for selection of de-emphasis filtering to be applied.
DEEMPH
DE-EMPHASIS
0
Off
1
On
Table 4 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com