Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8501 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8501
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8501 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8501 Datasheet HTML 7Page - Cirrus Logic WM8501 Datasheet HTML 8Page - Cirrus Logic WM8501 Datasheet HTML 9Page - Cirrus Logic WM8501 Datasheet HTML 10Page - Cirrus Logic WM8501 Datasheet HTML 11Page - Cirrus Logic WM8501 Datasheet HTML 12Page - Cirrus Logic WM8501 Datasheet HTML 13Page - Cirrus Logic WM8501 Datasheet HTML 14Page - Cirrus Logic WM8501 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Production Data
WM8501
w
PD, Rev 4.3, February 2013
11
RIGHT JUSTIFIED MODE
The WM8501 supports word lengths of 16-bits in right justified mode.
In right justified mode, the digital audio interface receives data on the DIN input. Audio Data is time
multiplexed with LRCLK indicating whether the left or right channel is present. LRCLK is also used
as a timing reference to indicate the beginning or end of the data words.
In right justified mode, the minimum number of BCLKs per LRCLK period is 2 times the selected
word length. LRCLK must be high for a minimum of word length BCLKs and low for a minimum of
word length BCLKs. Any mark to space ratio on LRCLK is acceptable provided the above
requirements are met.
In right justified mode, the LSB is sampled on the rising edge of BCLK preceding a LRCLK
transition. LRCLK is high during the left samples and low during the right samples.
Figure 4 Right Justified Mode Timing Diagram
DSP MODE
A DSP compatible, time division multiplexed format is also supported by the WM8501. This format
is of the type where a ‘synch’ pulse is followed by two data words (left and right) of predetermined
word length. (16-bits). The ‘synch’ pulse replaces the normal duration LRCLK, and DSP mode is
auto-detected by the shorter than normal duration of the LRCLK. If LRCLK is of 4 BCLK or less
duration, the DSP compatible format is selected. Mode A and Mode B clock formats are
supported, selected by the state of the FORMAT pin.
Figure 5 DSP Mode A Timing
LRCLK
BCLK
DIN
Input Word Length (16 bits)
1/f
LEFT CHANNEL
1
2
1
1
LSB
MSB
1
2
1
1
RIGHT CHANNEL
NO VALID DATA
1
1
max 4 BCLK's



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com