Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8523 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8523 Datasheet HTML 7Page - Cirrus Logic WM8523 Datasheet HTML 8Page - Cirrus Logic WM8523 Datasheet HTML 9Page - Cirrus Logic WM8523 Datasheet HTML 10Page - Cirrus Logic WM8523 Datasheet HTML 11Page - Cirrus Logic WM8523 Datasheet HTML 12Page - Cirrus Logic WM8523 Datasheet HTML 13Page - Cirrus Logic WM8523 Datasheet HTML 14Page - Cirrus Logic WM8523 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Production Data
WM8523
w
PD, Rev 4.2, August 2013
11
CONTROL INTERFACE TIMING – I2C MODE
I
2C mode is selected by driving the CIFMODE pin low.
Figure 4 Control Interface Timing – I
2C Control Mode
Test Conditions
LINEVDD=AVDD=2.97~3.63V, LINEGND=AGND=0V, TA=+25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK Frequency
400
kHz
SCLK Low Pulse-Width
t1
100
ns
SCLK High Pulse-Width
t2
100
ns
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
Data Setup Time
t5
100
ns
SDA, SCLK Rise Time
t6
300
ns
SDA, SCLK Fall Time
t7
300
ns
Setup Time (Stop Condition)
t8
600
ns
Data Hold Time
t9
900
ns
Pulse width of spikes that will be suppressed
2
8
ns
Table 3 Control Interface Timing – I
2C Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com