Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8523 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8523 Datasheet HTML 17Page - Cirrus Logic WM8523 Datasheet HTML 18Page - Cirrus Logic WM8523 Datasheet HTML 19Page - Cirrus Logic WM8523 Datasheet HTML 20Page - Cirrus Logic WM8523 Datasheet HTML 21Page - Cirrus Logic WM8523 Datasheet HTML 22Page - Cirrus Logic WM8523 Datasheet HTML 23Page - Cirrus Logic WM8523 Datasheet HTML 24Page - Cirrus Logic WM8523 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Production Data
WM8523
w
PD, Rev 4.2, August 2013
21
In DSP mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A) rising edge of
BCLK (selectable by AIF_LRCLK_INV) following a rising edge of LRCLK. Right channel data immediately
follows left channel data. Depending on word length, BCLK frequency and sample rate, there may be
unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRCLK output will resemble the frame pulse shown in Figure 19 and Figure
20. In device slave mode, Figure 21 and Figure 22, it is possible to use any length of frame pulse less
than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK period before the
rising edge of the next frame pulse.
Figure 19 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Master)
Figure 20 DSP Mode Audio Interface (mode B, AIF_LRCLK_INV=1, Master)
Figure 21 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com