Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8523 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8523 Datasheet HTML 9Page - Cirrus Logic WM8523 Datasheet HTML 10Page - Cirrus Logic WM8523 Datasheet HTML 11Page - Cirrus Logic WM8523 Datasheet HTML 12Page - Cirrus Logic WM8523 Datasheet HTML 13Page - Cirrus Logic WM8523 Datasheet HTML 14Page - Cirrus Logic WM8523 Datasheet HTML 15Page - Cirrus Logic WM8523 Datasheet HTML 16Page - Cirrus Logic WM8523 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Production Data
WM8523
w
PD, Rev 4.2, August 2013
13
POWER ON RESET CIRCUIT
Figure 6 Internal Power on Reset Circuit Schematic
The WM8523 includes an internal Power-On-Reset circuit, as shown in Figure 6, which is used to reset
the DAC digital logic into a default state after power up. The POR circuit is powered by AVDD and has as
its inputs VMID and LINEVDD. It asserts POR low if VMID or LINEVDD are below a minimum threshold.
Figure 7 Typical Power Timing Requirements
Figure 7 shows a typical power-up sequence where LINEVDD comes up with AVDD. When AVDD goes
above the minimum threshold, Vpora, there is enough voltage for the circuit to guarantee POR is asserted
low and the chip is held in reset. In this condition, all writes to the control interface are ignored. After
VMID rises to Vpord_hi and AVDD rises to Vpora_hi, POR is released high and all registers are in their default
state and writes to the control interface may take place.
On power down, PORB is asserted low whenever LINEVDD or AVDD drop below the minimum threshold
Vpora_low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com