Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8741 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8741 Datasheet HTML 7Page - Cirrus Logic WM8741 Datasheet HTML 8Page - Cirrus Logic WM8741 Datasheet HTML 9Page - Cirrus Logic WM8741 Datasheet HTML 10Page - Cirrus Logic WM8741 Datasheet HTML 11Page - Cirrus Logic WM8741 Datasheet HTML 12Page - Cirrus Logic WM8741 Datasheet HTML 13Page - Cirrus Logic WM8741 Datasheet HTML 14Page - Cirrus Logic WM8741 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Production Data
WM8741
w
PD, Rev 4.3, February 2013
11
TEST CONDITIONS
AVDD = 5V, DVDD = 3.3V, AGND, DGND = 0V, TA = +25
oC, 1kHz test signal, fs = 48kHz, MCLK = 512fs unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal Analogue Filter
Bandwidth
-3dB
474
kHz
Passband edge response
20kHz
-0.0077
dB
Analogue Output Levels
PCM full scale differential
output level
Into 10kΩ load, 0dBFS input
2
VRMS
DSD Direct differential
output level
Into 10kΩ load, 0dBDSD input
0.948
VRMS
DSD Plus differential output
level
Into 10kΩ load, 0dBDSD input
0.991
VRMS
Minimum resistance load
To midrail or AC coupled
2
kΩ
Maximum capacitance load
1
nF
Output DC level
AVDD/2
V
Reference Levels
Potential divider resistance
AVDD to VMIDL/VMIDR and
VMIDL/VMIDR to AGND
10
kΩ
Voltage at VMIDL/VMIDR
AVDD/2
V
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’
weighted over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz low pass filter. Failure to use such a filter will result in higher THD
and lower SNR and Dynamic Range readings than are found in the Electrical Characteristics. The low pass filter
removes out of band noise; although it is not audible it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com