Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8741 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM8741 Datasheet HTML 12Page - Cirrus Logic WM8741 Datasheet HTML 13Page - Cirrus Logic WM8741 Datasheet HTML 14Page - Cirrus Logic WM8741 Datasheet HTML 15Page - Cirrus Logic WM8741 Datasheet HTML 16Page - Cirrus Logic WM8741 Datasheet HTML 17Page - Cirrus Logic WM8741 Datasheet HTML 18Page - Cirrus Logic WM8741 Datasheet HTML 19Page - Cirrus Logic WM8741 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
WM8741
Production Data
w
PD, Rev 4.3, February 2013
16
INTERNAL POWER ON RESET CIRCUIT
The WM8741 includes two internal Power On Reset (POR) circuits which are used to reset the digital
logic into a default state after power up and to allow the analogue circuits to power-up silently.
The digital POR circuit is powered from DVDD. This circuit monitors DVDD and asserts the internal
digital reset if DVDD are below the minimum DVDD threshold which will allow the digital logic to
function.
The analogue POR circuit is powered from AVDD. The circuit monitors AVDD, tri-stating the DAC
outputs and isolating the internal reference resistor strings from AVDDL and AVDDR until there is
sufficient AVDD voltage to allow the analogue DAC stages to function correctly.
Figure 7 AVDD Power up Sequence
Test Conditions
AVDD = 5V, AGND = 0V, TA = +25
oC, TA_max = +125oC, TA_min = -25oC, AVDDmax = 5.5V, AVDDmin = 4.5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Input Timing Information
AVDD level to POR rising
edge (AVDD rising)
Vpor_hi
Measured from AGND
2.00
V
AVDD level to POR falling
edge (AVDD falling)
Vpor_lo
Measured from AGND
1.84
V
Table 6 Analogue POR Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com