Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213 Datasheet(PDF) 18 Page - Cirrus Logic

Part # WM8213
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8213 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button WM8213 Datasheet HTML 14Page - Cirrus Logic WM8213 Datasheet HTML 15Page - Cirrus Logic WM8213 Datasheet HTML 16Page - Cirrus Logic WM8213 Datasheet HTML 17Page - Cirrus Logic WM8213 Datasheet HTML 18Page - Cirrus Logic WM8213 Datasheet HTML 19Page - Cirrus Logic WM8213 Datasheet HTML 20Page - Cirrus Logic WM8213 Datasheet HTML 21Page - Cirrus Logic WM8213 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
WM8213
Production Data
w
PD Rev 4.1 July 2008
18
CONTROL
INTERFACE
C
IN
RINP
or
GINP
or
BINP
VRLC/
VBIAS
VRLCDACPD
4-BIT
RLCDAC
RLCDAC[3:0]
closed=
50 Ohm
RLC
switch
CLMP
VS
RS (if CDS=1) or
VS (if CDS=0)
CDS
CDS=1
CDS=0
'Video'
sample
capacitor
'Reference'
sample
capacitor
Figure 12 CDS/non-CDS Input Configuration
OFFSET ADJUST AND PROGRAMMABLE GAIN
The output from the CDS block is a differential signal, which is added to the output of an 8-bit Offset
DAC to compensate for offsets and then amplified by a 9-bit PGA. The gain and offset for each
channel are independently programmable by writing to control bits DAC[7:0] and PGA[7:0].
The gain characteristic of the WM8213 PGA is shown in Figure 13. Figure 14 shows the maximum
device input voltage that can be gained up to match the ADC full-scale input range (default=2V).
In colour line-by-line mode the gain and offset coefficients for each colour can be multiplexed in order
(Red
→ Green → Blue → Red…) by pulsing the RSMP pin, or controlled via the ACYC and
INTM[1:0] bits. Refer to the Line-by-Line Operation section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com