Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213 Datasheet(PDF) 35 Page - Cirrus Logic

Part # WM8213
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8213 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button WM8213 Datasheet HTML 30Page - Cirrus Logic WM8213 Datasheet HTML 31Page - Cirrus Logic WM8213 Datasheet HTML 32Page - Cirrus Logic WM8213 Datasheet HTML 33Page - Cirrus Logic WM8213 Datasheet HTML 34Page - Cirrus Logic WM8213 Datasheet HTML 35Page - Cirrus Logic WM8213 Datasheet HTML 36Page - Cirrus Logic WM8213 Datasheet HTML 37Page - Cirrus Logic WM8213 Datasheet HTML 38Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Production Data
WM8213
w
PD Rev 4.1 July 2008
35
ADDRESS
<A5:A0>
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
100000
(20h)
Offset DAC
(Red)
7:0
DACR[7:0]
10000000
Red channel 8-bit offset DAC value (mV) = 260*(DACR[7:0]-
127.5)/127.5
100001
(21h)
Offset DAC
(Green)
7:0
DACG[7:0]
10000000
Green channel 8-bit offset DAC value (mV) = 260*(DACG[7:0]-
127.5)/127.5
100010
(22h)
Offset DAC
(Blue)
7:0
DACB[7:0]
10000000
Blue channel 8-bit offset DAC value (mV) = 260*(DACB[7:0]-
127.5)/127.5
100011
(23h)
Offset DAC
(RGB)
7:0
DACRGB[7:0]
-
A write to this register location causes the red, green and blue
offset DAC registers to be overwritten by the new value
0
PGAR[0]
0
This register bit forms the LSB of the red channel PGA gain code.
PGA gain is determined by combining this register bit and the 8
MSBs contained in register address 28 hex.
100100
(24h)
PGA Gain
LSB
(Red)
7:1
Reserved
0000000
Must be set to 0
0
PGAG[0]
0
This register bit forms the LSB of the green channel PGA gain
code. PGA gain is determined by combining this register bit and
the 8 MSBs contained in register address 29 hex.
100101
(25h)
PGA Gain
LSB
(Green)
7:1
Reserved
0000000
Must be set to 0
0
PGAB[0]
0
This register bit forms the LSB of the blue channel PGA gain
code. PGA gain is determined by combining this register bit and
the 8 MSBs contained in register address 2A hex.
100110
(26h)
PGA Gain
LSB
(Blue)
7:1
Reserved
0000000
Must be set to 0
0
PGARGB[0]
-
Writing a value to this location causes red, green and blue PGA
LSB gain values to be overwritten by the new value.
100111
(27h)
PGA Gain
LSB
(RGB)
7:1
Reserved
0000000
Must be set to 0
101000
(28h)
PGA gain
MSBs
(Red)
7:0
PGAR[8:1]
00001100
Bits 8 to 1 of red PGA gain. Combined with red LSB register bit to
form complete PGA gain code. This determines the gain of the
red channel PGA according to the equation:
Red channel PGA gain (V/V) = 0.66 + PGAR[8:0]x7.34/511
101001
(29h)
PGA gain
MSBs
(Green)
7:0
PGAG[8:1]
00001100
Bits 8 to 1 of green PGA gain. Combined with green LSB register
bit to form complete PGA gain code. This determines the gain of
the green channel PGA according to the equation:
Green channel PGA gain (V/V) = 0.66 + PGAG[8:0]x7.34/511
101010
(2Ah)
PGA gain
MSBs
(Blue)
7:0
PGAB[8:1]
00001100
Bits 8 to 1 of blue PGA gain. Combined with blue LSB register bit
to form complete PGA gain code. This determines the gain of the
blue channel PGA according to the equation:
Blue channel PGA gain (V/V) = 0.66 + PGAB[8:0]x7.34/511
101011
(2Bh)
PGA gain
MSBs(RGB)
7:0
PGARGB[8:1]
-
A write to this register location causes the red, green and blue
PGA MSB gain registers to be overwritten by the new value.
Table 8 Register Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com