Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8213
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8213 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8213 Datasheet HTML 1Page - Cirrus Logic WM8213 Datasheet HTML 2Page - Cirrus Logic WM8213 Datasheet HTML 3Page - Cirrus Logic WM8213 Datasheet HTML 4Page - Cirrus Logic WM8213 Datasheet HTML 5Page - Cirrus Logic WM8213 Datasheet HTML 6Page - Cirrus Logic WM8213 Datasheet HTML 7Page - Cirrus Logic WM8213 Datasheet HTML 8Page - Cirrus Logic WM8213 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
w
WM8213
24MSPS 16-bit CCD Digitiser
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, July 2008, Rev 4.1
Copyright
©2008 Wolfson Microelectronics plc.
DESCRIPTION
The WM8213 is a 16-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 24MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. Three multiplexers allow single
channel processing. The output from each of these
channels is time multiplexed into a single high-speed 16-bit
Analogue to Digital Converter. The digital output data is
available in 8-bit wide multiplexed format and there is also
an optional single byte output mode, or 4-bit multiplexed
LEGACY mode.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Reset Level Clamping to clamp CCD
signals. An external reference level may also be supplied.
ADC references are generated internally, ensuring optimum
performance from the device.
Using an analogue supply voltage of 3.3V and a digital
interface supply of 3.3V, the WM8213 typically only
consumes 350mW.
FEATURES
•
16-bit ADC
•
24MSPS conversion rate
•
Low power – 350mW typical
•
3.3V single supply operation
•
Single, 2 or 3 channel operation
•
Correlated double sampling
•
Programmable gain (9-bit resolution)
•
Programmable offset adjust (8-bit resolution)
•
Flexible clamp control with programmable clamp voltage
•
Flexible timing, can be made compatible with WM819X
and WM815X parts.
•
8-bit wide multiplexed data output format
•
8-bit only output mode
•
4-bit LEGACY multiplexed nibble mode
•
Internally generated voltage references
•
28-lead SSOP package, pin compatible with WM8199
•
Serial control interface
APPLICATIONS
•
High speed USB2.0 compatible scanners
•
Multi-function peripherals
•
High-performance CCD sensor interface
•
Digital Copiers
BLOCK DIAGRAM


Similar Part No. - WM8213

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8213 WOLFSON-WM8213 Datasheet
677Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8213SCDR WOLFSON-WM8213SCDR Datasheet
677Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8213SCDS WOLFSON-WM8213SCDS Datasheet
677Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8213SCDS/RV WOLFSON-WM8213SCDS/RV Datasheet
671Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8213SCDS/V WOLFSON-WM8213SCDS/V Datasheet
671Kb / 38P
24MSPS 16-bit CCD Digitiser
More results

Similar Description - WM8213

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
(8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
WM8214 WOLFSON-WM8214 Datasheet
441Kb / 35P
40MSPS 16 BIT CCD DIGITISER
WM8199 WOLFSON-WM8199 Datasheet
358Kb / 30P
20MSPS 16-bit CCD Digitiser
WM8199 WOLFSON-WM8199_07 Datasheet
388Kb / 32P
20MSPS 16-bit CCD Digitiser
WM8214 WOLFSON-WM8214_07 Datasheet
486Kb / 36P
40MSPS 16-bit CCD Digitiser
WM8213 WOLFSON-WM8213 Datasheet
677Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8213 WOLFSON-WM8213_08 Datasheet
671Kb / 38P
24MSPS 16-bit CCD Digitiser
logo
Cirrus Logic
WM8199 CIRRUS-WM8199 Datasheet
473Kb / 32P
20MSPS 16-bit CCD Digitiser
WM8214 CIRRUS-WM8214 Datasheet
625Kb / 36P
40MSPS 16-bit CCD Digitiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com