Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8224 Datasheet(PDF) 18 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 14Page - Cirrus Logic WM8224 Datasheet HTML 15Page - Cirrus Logic WM8224 Datasheet HTML 16Page - Cirrus Logic WM8224 Datasheet HTML 17Page - Cirrus Logic WM8224 Datasheet HTML 18Page - Cirrus Logic WM8224 Datasheet HTML 19Page - Cirrus Logic WM8224 Datasheet HTML 20Page - Cirrus Logic WM8224 Datasheet HTML 21Page - Cirrus Logic WM8224 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
18
DEVICE DESCRIPTION
INTRODUCTION
A block diagram of the device showing the signal path is presented on the front page of this
datasheet.
The WM8224 samples up to three inputs (RINP, GINP and BINP) simultaneously. The device then
processes the sampled video signal with respect to the video reset level or an internally/externally
generated reference level using between one and three processing channels.
Each processing channel consists of an Input Sampling block with optional Reset Level Clamping
(RLC) and Correlated Double Sampling (CDS), an 8-bit programmable offset DAC and a 9-bit
Programmable Gain Amplifier (PGA).
The processing channel outputs are switched alternately by a 3:1 multiplexer to the ADC input.
The ADC then converts each resulting analogue signal to a digital word. The digital output from the
ADC is presented in a variety of possible output formats onto the output bus, OP[11:0]. The twelve
output pins can be set to a high impedance state using either the OEB control pin or the OPD register
bit.
On-chip control registers determine the configuration of the device, including the offsets and gains
applied to each channel. These registers are programmable via a serial interface.
The device has a Black-Level Calibration function which allows the D.C. offset determined during the
optically-black pixels at the beginning of the linear sensor to be removed during the image-pixels.
CONFIGURABLE RESOLUTION OF ADC
The WM8224 has a configurable ADC resolution. The default setting is 16 bits resolution. This can
be changed by the user by changing a register setting.
The register RES[1:0] can be changed to alter the resolution from 16 bits to either 12, 10 or 8 bits
resolution.
INPUT SAMPLING
The WM8224 can sample and process up to three inputs through one to three processing channels
as follows:
Colour Pixel-by-Pixel: The three inputs (RINP, GINP and BINP) are simultaneously sampled for
each pixel and a separate channel processes each input. The signals are then multiplexed into the
ADC, which converts all three inputs within the pixel period.
Two Channel Pixel-by-pixel: Two input channels (RINP and GINP, RINP and BINP, or GINP and
BINP) are simultaneously sampled for each pixel and a separate channel processes each input. The
signals are then multiplexed into the ADC, which converts both inputs within the pixel period. The
unused channel can be changed via the control interface. The unused channel is powered down
when this mode is selected.
Monochrome: A single chosen input (RINP, GINP, or BINP) is sampled, processed by the
corresponding channel, and converted by the ADC. The choice of input channel can be changed via
the control interface. The unused channels are powered down when this mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com