Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8224 Datasheet(PDF) 29 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 25Page - Cirrus Logic WM8224 Datasheet HTML 26Page - Cirrus Logic WM8224 Datasheet HTML 27Page - Cirrus Logic WM8224 Datasheet HTML 28Page - Cirrus Logic WM8224 Datasheet HTML 29Page - Cirrus Logic WM8224 Datasheet HTML 30Page - Cirrus Logic WM8224 Datasheet HTML 31Page - Cirrus Logic WM8224 Datasheet HTML 32Page - Cirrus Logic WM8224 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
29
MODE
MINIMUM NO. OF MCLKS PER
COARSE ADJUST ITERATION
3-Channel
11
2-Channel
10
Mono
9
Table 4 Modes vs MCLKs for Coarse Iterations
The BLC design rounds the Coarse Adjust iteration duration up to a whole number of pixels (i.e. the
iteration duration will be a whole number of VSMP periods).
FINE ADJUST CALIBRATION DURATION
The Fine Adjust calibration duration is determined by the number of remaining black pixels after the
coarse adjust has taken place.
BLC TEST MODE
This mode allows the status of the BLC to be seen on the 2 LSBs of the output data pins OP[1:0].
This mode could be enabled during the setup stage of the device to ensure that the black level
calibration does not encroach on the active pixel data. Set the STATEOUT register to enable this
mode. Once the BLC register values have been determined this register should be disabled. Table 5
shows the description of the output data.
DATA ON OP[1:0]
DESCRIPTION
00
No BLC
01
Dummy Pixels
10
Coarse Adjust Calibration
11
Fine Adjust Calibration
Table 5 Test Mode Outputs
BLC WORKED EXAMPLE:
Below is an example of how to configure the WM8224 for Black Level Calibration.
Assumptions
MCLK frequency
= 40MHz
VSMP frequency
= 13.33MHz
Mode of operation
= 3 Channel Mode
Black pixels on sensor
= 50
Dummy pixels on sensor
= 20
The following stages set up the Black Level calibration although not all stages may be required
depending on the application:
1.
Set up the Dummy Pixel Delay
2.
Define the Coarse Adjust Calibration
3.
Define the Fine Adjust Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com