Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8224 Datasheet(PDF) 44 Page - Cirrus Logic

Part # WM8224
Description  60MSPS 3-Channel AFE with Multiple Device Operation
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8224 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button WM8224 Datasheet HTML 40Page - Cirrus Logic WM8224 Datasheet HTML 41Page - Cirrus Logic WM8224 Datasheet HTML 42Page - Cirrus Logic WM8224 Datasheet HTML 43Page - Cirrus Logic WM8224 Datasheet HTML 44Page - Cirrus Logic WM8224 Datasheet HTML 45Page - Cirrus Logic WM8224 Datasheet HTML 46Page - Cirrus Logic WM8224 Datasheet HTML 47Page - Cirrus Logic WM8224 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.2, September 2013
44
REGISTER
REGISTER
NAME
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
When TWOCHAN=1:
00 = Red PGA disabled (G&B only)
01 = Green PGA disabled (R&B only)
10 = Blue PGA
disabled (R&G
only)
11 = Reserved
R4 (04h)
Software
Reset
7:0
00100100
Any write to Software Reset causes all register bits to be
reset. It is recommended that a software reset be
performed after a power-up before any other register
writes.
Reading from this register returns the last 2 digits of the
device part number.
R5 (05h)
Device ID
Revision
7:0
00000001
Reading from this register returns the revision number of
the device.
R6 (06h)
Setup
Register 4
3:0
Reserved
0000
Must be set to 0000
7:4
OPDEL[3:0]
000
Output latency adjust (ACLKDIV=00).
0000 = Minimum latency (7 MCLK periods)
0001 = 8 MCLK periods
0010 = 9 MCLK periods
0011 = 10 MCLK periods
0100 = 11 MCLK periods
0101 = 12 MCLK periods
0110 = 13 MCLK periods
0111 = 14 MCLK periods
1000 = 15 MCLK periods
1001 to 1111 = Invalid settings
R7 (07h)
Setup
Register 5
0
REDPD
0
When set powers down red S/H, PGA
1
GRNPD
0
When set powers down green S/H, PGA
2
BLUPD
0
When set powers down blue S/H, PGA
3
ADCPD
0
When set powers down ADC. Allows reduced power
consumption without powering down the references which
have a long time constant when switching on/off due to the
external decoupling capacitors.
4
VRLCDACPD
0
When set powers down 4-bit RLCDAC, setting the output
to a high impedance state and allowing an external
reference to be driven in on the VRLC/VBIAS pin.
5
ADCREFPD
0
When set disables VRT, VRB buffers to allow external
references to be used.
7:6
Reserved
00
Must be set to 00
R8 (08h)
Setup
Register 6
0
RESET_NO
REG
0
When set reset the digital clocking without register reset.
4:1
Reserved
0000
Must be set to 0
5
RLCEN
1
Reset Level Clamp Enable. When set Reset Level
Clamping is enabled. The method of clamping is
determined by CLAMPCTRL.
6
CLAMPCTRL
0
0 = RLC switch is controlled directly from RSMP input pin:
RSMP = 0: switch is open
RMSP = 1: switch is closed
1 = RLC switch is controlled by logical combination of
RSMP and VSMP.
RSMP && VSMP = 0: switch is open
Switch is re-opened when:
VSMP=0 (non-CDS mode)
VSMP=0 and RSMP=0 (CDS mode)
7
FOL_EN
0
Enables internal input voltage buffers, to minimise code
drift if not pixel clamping, when using an ac coupling
capacitor in non-CDS mode (CDS=0).
Line clamping should be used when this bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com