Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8253 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8253
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8253 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8253 Datasheet HTML 7Page - Cirrus Logic WM8253 Datasheet HTML 8Page - Cirrus Logic WM8253 Datasheet HTML 9Page - Cirrus Logic WM8253 Datasheet HTML 10Page - Cirrus Logic WM8253 Datasheet HTML 11Page - Cirrus Logic WM8253 Datasheet HTML 12Page - Cirrus Logic WM8253 Datasheet HTML 13Page - Cirrus Logic WM8253 Datasheet HTML 14Page - Cirrus Logic WM8253 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
WM8253
Production Data
w
PD, Rev 4.1, August 2011
11
TIMING CONTROL
S/H
4-BIT
RLC DAC
CL
+
+
-
TO OFFSET DAC
RLC
CDS
FROM CONTROL
INTERFACE
S/H
V
S
R
S
FROM CONTROL
INTERFACE
MCLK
VSMP
INPUT SAMPLING
BLOCK
CDS
C
IN
VINP
VRLC/
VBIAS
2
1
EXTERNAL VRLC
VRLCEXT
Figure 4 Reset Level Clamping and CDS Circuitry
Reset Level Clamping is controlled by register bit RLCINT. Figure 5 illustrates the effect of the
RLCINT bit for a typical CCD waveform, with CL applied during the reset period.
The RLCINT register bit is sampled on the positive edge of MCLK that occurs during each VSMP
pulse. The sampled level, high (or low) controls the presence (or absence) of the internal CL pulse on
the next reset level. The position of CL can be adjusted by using control bits CDSREF[1:0] (Figure 6).
Figure 5 Relationship of RLCINT, MCLK and VSMP to Internal Clamp Pulse, CL
The VRLC/VBIAS pin can be driven internally by a 4-bit DAC (RLCDAC) by writing to control bits
RLCV[3:0]. The RLCDAC range and step size may be increased by writing to control bit
RLCDACRNG. Alternatively, the VRLC/VBIAS pin can be driven externally by writing to control bit
VRLCEXT to disable the RLCDAC and then applying a d.c. voltage to the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com