Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8253 Datasheet(PDF) 22 Page - Cirrus Logic

Part # WM8253
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8253 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button WM8253 Datasheet HTML 18Page - Cirrus Logic WM8253 Datasheet HTML 19Page - Cirrus Logic WM8253 Datasheet HTML 20Page - Cirrus Logic WM8253 Datasheet HTML 21Page - Cirrus Logic WM8253 Datasheet HTML 22Page - Cirrus Logic WM8253 Datasheet HTML 23Page - Cirrus Logic WM8253 Datasheet HTML 24Page - Cirrus Logic WM8253 Datasheet HTML 25Page - Cirrus Logic WM8253 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
WM8253
Production Data
w
PD, Rev 4.1, August 2011
22
REGISTER MAP DESCRIPTION
The following table describes the function of each of the control bits shown in Table 4.
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
Setup
Register 1
0
EN
1
0 = complete power down, 1 = fully active.
1
CDS
1
Select correlated double sampling mode: 0 = single ended mode,
1 = CDS mode.
2
Reserved
0
Must be set to zero
3
Reserved
0
Must be set to Zero
5:4
PGAFS[1:0]
00
Offsets PGA output to optimise the ADC range for different polarity sensor
output signals. Zero differential PGA input signal gives:
00 = Zero output
(use for bipolar video)
01 = Zero output
10 = Full-scale positive output
(use for negative going video)
11 = Full-scale negative output
(use for positive going video)
6
MODE3
0
This bit must be set when operating in MODE3 (MCLK:VSMP=2:1) 0 =
other modes, 1 = MODE3.
NB, when in this mode the CDSREF bits should also be set to 01 to allow
clamping to operate correctly.
7
Reserved
0
Must be set to zero
Setup
Register 2
1:0
Reserved
11
Must be set to One
2
INVOP
0
Digitally inverts the polarity of output data.
0 = negative going video gives negative going output,
1 = negative-going video gives positive going output data.
3
VRLCEXT
0
When set powers down the RLCDAC, changing its output to Hi-Z, allowing
VRLC/VBIAS to be externally driven.
4
Reserved
0
Must be set to Zero
5
RLCDACRNG
1
Sets the output range of the RLCDAC.
0 = RLCDAC ranges from 0 to VDD (approximately),
1 = RLCDAC ranges from 0 to VRT (approximately).
7:6
DEL[1:0]
00
Sets the output latency in ADC clock periods.
1 ADC clock period = 2 MCLK periods except in Mode 2 where 1 ADC
clock period = 3 MCLK periods.
00 = Minimum latency
01 = Delay by one ADC clock
period
10 = Delay by two ADC clock periods
11 = Delay by three ADC clock periods
Setup
Register 3
3:0
RLCV[3:0]
1111
Controls RLCDAC driving VRLC pin to define single ended signal
reference voltage or Reset Level Clamp voltage. See Electrical
Characteristics section for ranges.
5:4
CDSREF[1:0]
01
CDS mode reset timing adjust.
00 = Advance 1 MCLK period
01 = Normal
10 = Retard 1 MCLK period
11 = Retard 2 MCLK periods
7:6
Reserved
00
Must be set to Zero
Software
Reset
Any write to Software Reset causes all cells to be reset.
It is recommended that a software reset be performed after a power-up
before any other register writes.
Setup
Register 4
2:0
Reserved
101
Must be set to ‘101’
3
INTRLC
0
This bit is used to determine whether Reset Level Clamping is enabled.
0 = RLC disabled, 1 = RLC enabled.
5:4
INTM[1:0]
00
Colour selection bits used in internal modes.
00 = Red, 01 = Green, 10 = Blue and 11 = Reserved.
See Table 1 for details.
7:6
Reserved
00
Must be set to Zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com