Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8253 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8253
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8253 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8253 Datasheet HTML 9Page - Cirrus Logic WM8253 Datasheet HTML 10Page - Cirrus Logic WM8253 Datasheet HTML 11Page - Cirrus Logic WM8253 Datasheet HTML 12Page - Cirrus Logic WM8253 Datasheet HTML 13Page - Cirrus Logic WM8253 Datasheet HTML 14Page - Cirrus Logic WM8253 Datasheet HTML 15Page - Cirrus Logic WM8253 Datasheet HTML 16Page - Cirrus Logic WM8253 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
WM8253
Production Data
w
PD, Rev 4.1, August 2011
13
0
1
2
3
4
5
6
7
8
9
0
64
128
192
256
Gain register value (PGA[7:0])
0
0.5
1
1.5
2
2.5
3
0
64
128
192
256
Gain r e gis te r value (PGA[7:0])
Figure 7 PGA Gain Characteristic
Figure 8 Peak Input Voltage to Match ADC Full-scale Range
ADC INPUT BLACK LEVEL ADJUST
The output from the PGA should be offset to match the full-scale range of the ADC (VFS = 2.0V). For
negative-going input video signals, a black level (zero differential) output from the PGA should be
offset to the top of the ADC range by setting register bits PGAFS[1:0]=10. For positive going input
signal the black level should be offset to the bottom of the ADC range by setting PGAFS[1:0]=11.
Bipolar input video is accommodated by setting PGAFS[1:0]=00 or PGAFS[1:0]=01 (zero differential
input voltage gives mid-range ADC output).
OVERALL SIGNAL FLOW SUMMARY
Figure 9 represents the processing of the video signal through the WM8253.
V
RESET
V
VRLC
V
3
CDS = 1
CDS = 0
VRLCEXT=1
260mV*(DAC[7:0]-127.5)/127.5
analog
-
X
+
+
V
RLCSTEP*RLCV[3:0] + VRLCBOT
OP[3:0]
D
1
digital
ADC BLOCK
PGA
BLOCK
OFFSET DAC
BLOCK
INPUT
SAMPLING
BLOCK
D
2
CDS, VRLCEXT,RLCV[3:0], DAC[7:0],
PGA[7:0], PGAFS[1:0] and INVOP are set
by programming internal control registers.
CDS=1 for CDS, 0 for non-CDS
V
IN is VINP voltage sampled on video sample
V
RESET is VINP sampled during reset clamp
V
VRLC is voltage applied to VRLC pin
V
IN
x (65535/V
FS)
+0
if PGAFS[1:0]=11
+65535 if PGAFS[1:0]=10
+32767 if PGAFS[1:0]=0x
PGA gain
A = 0.78+(PGA[7:0]*7.57)/255
OUTPUT
INVERT
BLOCK
D2 = D1 if INVOP = 0
D2 =65535-D1 if INVOP = 1
Offset
DAC
RLC
DAC
+
V
2
V
1
VRLCEXT=0
Figure 9 Overall Signal Flow
The INPUT SAMPLING BLOCK produces an effective input voltage V1. For CDS, this is the
difference between the input video level VIN and the input reset level VRESET. For non-CDS this is the
difference between the input video level VIN and the voltage on the VRLC/VBIAS pin, VVRLC, optionally
set via the RLC DAC.
The OFFSET DAC BLOCK then adds the amount of fine offset adjustment required to move the
black level of the input signal towards 0V, producing V2.
The PGA BLOCK then amplifies the white level of the input signal to maximise the ADC range,
outputting voltage V3.
The ADC BLOCK then converts the analogue signal, V3, to a 16-bit unsigned digital output, D1.
The digital output is then inverted, if required, through the OUTPUT INVERT BLOCK to produce D2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com