Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W55RFS27T1B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # W55RFS27T1B
Description  Super-Regeneration RF Transmitter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55RFS27T1B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button W55RFS27T1B Datasheet HTML 7Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 8Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 9Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 10Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 11Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 12Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 13Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 14Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
W55RFS27T1B DataSheet
13
Revision: A3.0
Publish Date: Feb. 2010
- 13 -
Revision A1
4.1.4 Application Circuit for FCC
{Do c}
{Re vCo de}
W5 5RFS 27T 1B Ap pl ic atio n Ci rcui t For FCC(27MHz)
A
1
1
We dne sda y, Ju ly 14 , 20 04
T itl e
S ize
Docu ment Nu mber
Rev
Date:
S hee t
of
V DD
V DD
Fundamental Crystal
Dependent on Antenna
L2
5.6u H
A NT E NNA
C8
10 0p
C13
10 0p
S W3
Le ft-tu rn
L1
27 0nH
S W4
Rig ht-T urn
U1
W5 5RFS 27T 1B
T XOUT
14
X2
11
CKS E L0
3
V DD
8
V SS
7
A NT
6
CKS E L1
5
RES E T
9
S4
2
S3
1
S2
16
S1
15
ID1
12
ID0
13
T ES T
4
X1
10
LE D
LE D1
30 0
R5
S W1
Fo rward
S W2
B ackward
B T1
2.2~5.5V
C19
47 n
+
C18
10 0u
L3
2.2u H
C7
10 0p
C6
15 p
L4
2.2u H
27 .1 45MHz
T XOUT
T XOUT
4.2 uC-Mode Control Signal
Power down
Oscillator
S1(~TXD)
S2(~ENB)
Chip Enabled
Chip disabled
3ms
ANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com