Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W55RFS27T1B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # W55RFS27T1B
Description  Super-Regeneration RF Transmitter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55RFS27T1B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button W55RFS27T1B Datasheet HTML 3Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 4Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 5Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 6Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 7Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 8Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 9Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 10Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
W55RFS27T1B DataSheet
7
Revision: A3.0
Publish Date: Feb. 2010
- 7 -
Revision A1
general R/C-vehicle control and 2 other user-
defined functions F1 and F2.
It is very suitable for remote control
applications if W55RFS27T1B and its associated
receiver/decoder W55RFS27R1B are adopted. The
very pair provides extremely low-cost and high-
performance function for design of various remote-
control applications.
The uC-mode provides digital interface for
external micro-controller to control the transmitter
easily and efficiently. The micro-controller only
need two pins, TXD (S1) to send data and ENB (S2)
to enter power down mode, if needed.
The transmitter provides the FCC/ETSI
regulation provisions for 27M, 40MHz and 49MHz
S-R (Super-regeneration) modulation. Wide range
of operation voltage from 2.2V to 5.5V is suitable
for 2-battery or 3-battery R/C toy application, and
15dBm high efficient transmission output power.
W55RFS27T1B Super-regeneration RF
transmitter is compliant to FCC part 15 class B and
15.227 / ETSI 300 220-1, making it easier for
wireless end products to get FCC and ETSI
compliance approval.
Electronic Characteristics
3.1 W55RFS27T1B Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage to Ground Potential
- 0.3 to 6.5
V
Applied Input/Output Voltage
- 0.3 to 6.5
V
Power Dissipation (Ta = 70C)
150
mW
Ambient Operating Temperature
0 to 70
C
Storage Temperature
-40 to 85
C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the device.
3.2 W55RFS27T1B DC Characteristics
(VDD-VSS = 3 V, Ta = 25C; unless otherwise specified)
Parameter
Sym.
Conditions
Min.
Typ.
Max.
Unit
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com