Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W55RFS27T1B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # W55RFS27T1B
Description  Super-Regeneration RF Transmitter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55RFS27T1B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  W55RFS27T1B Datasheet HTML 1Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 2Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 3Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 4Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 5Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 6Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 7Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 8Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
W55RFS27T1B DataSheet
4
Revision: A3.0
Publish Date: Feb. 2010
- 4 -
Revision A1
1.2 W55RFS27T1B Pad Definition
1.2.1 Pad Description
Symbol
Pad
No.
I/O
Functional Description
S3
1
I
Manual-mode input, internally pull-high
S4
2
I
Manual-mode input , internally pull-high
CKSEL0
3
I
Clock source frequency select LSB (please see section 1.2.2 for setup)
TEST
4
I
TEST=0 for 6-function mode, TEST=1 for 4-function mode
CKSEL1
5
I
Clock source frequency select MSB (please see section 1.2.2 for setup)
ANT
6
O
RF signal output. An external matching circuit is necessary for connecting with
an antenna.
GND
7
Ground
Ground return path
VDD
8
Power
Power path
RESET
9
I
RESET=0 resets whole chip, internally pull-high
X1
10
I
Input of internal crystal oscillator to connect with an external crystal
X2
11
O
Output of internal crystal oscillator to connect with an external crystal
ID1
12
I
ID setting MSB (please see section 1.2.3 for setup)
ID0
13
I
ID setting LSB (please see section 1.2.3 for setup)
TXOUT
14
O
TXD Data output
S1/~TXD
15
I
Manual-mode input or uC-mode: ~TXD, internally pull-high
S2/~ENB
16
I
Manual-mode input or uC-mode: ~ENB, internally pull-high
1.2.2 Clock Frequency Select (CKSEL) Setup
(CKSEL1,CKSEL0)
Clock Frequency
(0,0)
27.145MHz
(0,1)
35.48 MHz
(1,0)
40.68 MHz
(1,1)
49.86 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com