Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4008LS3TP Datasheet(PDF) 4 Page - Littelfuse

Part # S4008LS3TP
Description  Excellent unidirectional switches for phase control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4008LS3TP Datasheet(HTML) 4 Page - Littelfuse

  S4008LS3TP Datasheet HTML 1Page - Littelfuse S4008LS3TP Datasheet HTML 2Page - Littelfuse S4008LS3TP Datasheet HTML 3Page - Littelfuse S4008LS3TP Datasheet HTML 4Page - Littelfuse S4008LS3TP Datasheet HTML 5Page - Littelfuse S4008LS3TP Datasheet HTML 6Page - Littelfuse S4008LS3TP Datasheet HTML 7Page - Littelfuse S4008LS3TP Datasheet HTML 8Page - Littelfuse S4008LS3TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
8 Amp Sensitive & Standard SCRs
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
Sxx08RSy
1.8
°C/W
Sxx08LSy
3.4
Sxx08VSy
2.1
Sxx08DSy
1.5
Sxx08R
1.8
Sxx08L
3.4
Sxx08V
2.0
Sxx08D
1.5
R
θ(J-A)
Junction to ambient
Sxx08RSy
40
°C/W
Sxx08LSy
65
Sxx08VSy
85
Sxx08R
40
Sxx08L
50
Sxx08V
70
Note: xx = voltage, y = sensitivity
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature (Sensitive SCR)
Figure 2: Normalized DC Gate Trigger Current
vs. Junction Temperature (Standard SCR)
0.0
1.0
2.0
3.0
4.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) - (°C)
125
0.0
1.0
2.0
3.0
4.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) - (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com