Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4008LS3TP Datasheet(PDF) 10 Page - Littelfuse

Part # S4008LS3TP
Description  Excellent unidirectional switches for phase control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4008LS3TP Datasheet(HTML) 10 Page - Littelfuse

Back Button S4008LS3TP Datasheet HTML 3Page - Littelfuse S4008LS3TP Datasheet HTML 4Page - Littelfuse S4008LS3TP Datasheet HTML 5Page - Littelfuse S4008LS3TP Datasheet HTML 6Page - Littelfuse S4008LS3TP Datasheet HTML 7Page - Littelfuse S4008LS3TP Datasheet HTML 8Page - Littelfuse S4008LS3TP Datasheet HTML 9Page - Littelfuse S4008LS3TP Datasheet HTML 10Page - Littelfuse S4008LS3TP Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
8 Amp Sensitive & Standard SCRs
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
800V
1000V
Sxx08RS2
X
X
0.2mA
Sensitive SCR
TO-220R
Sxx08LS2
X
X
0.2mA
Sensitive SCR
TO-220L
Sxx08VS2
X
X
0.2mA
Sensitive SCR
TO-251
Sxx08DS2
X
X
0.2mA
Sensitive SCR
TO-252
Sxx08RS3
X
X
0.5mA
Sensitive SCR
TO-220R
Sxx08LS3
X
X
0.5mA
Sensitive SCR
TO-220L
Sxx08VS3
X
X
0.5mA
Sensitive SCR
TO-251
Sxx08DS3
X
X
0.5mA
Sensitive SCR
TO-252
Sxx08R
X
X
X
X
15mA
Standard SCR
TO-220R
Sxx08L
X
X
X
X
15mA
Standard SCR
TO-220L
Sxx08V
X
X
X
X
15mA
Standard SCR
TO-251
Sxx08D
X
X
X
X
15mA
Standard SCR
TO-252
Note: xx = Voltage
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Sxx08L/RyyTP
Sxx08L/Ryy
2.2 g
Tube
500 (50 per tube)
Sxx08DyyTP
Sxx08Dyy
0.3 g
Tube
750 (75 per tube)
Sxx08DyyRP
Sxx08Dyy
0.3 g
Embossed Carrier
2500
Sxx08VyyTP
Sxx08Vyy
0.4 g
Tube
750 (75 per tube)
Sxx08L/RTP
Sxx08L/R
2.2 g
Tube
500 (50 per tube)
Sxx08DTP
Sxx08D
0.3 g
Tube
750 (75 per tube)
Sxx08DRP
Sxx08D
0.3 g
Embossed Carrier
2500
Sxx08VTP
Sxx08V
0.4 g
Tube
750 (75 per tube)
Note: xx = Voltage; yy = Sensitivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com